Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X430 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST52X430
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X430 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST52X430 Datasheet HTML 4Page - STMicroelectronics ST52X430 Datasheet HTML 5Page - STMicroelectronics ST52X430 Datasheet HTML 6Page - STMicroelectronics ST52X430 Datasheet HTML 7Page - STMicroelectronics ST52X430 Datasheet HTML 8Page - STMicroelectronics ST52X430 Datasheet HTML 9Page - STMicroelectronics ST52X430 Datasheet HTML 10Page - STMicroelectronics ST52X430 Datasheet HTML 11Page - STMicroelectronics ST52X430 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
ST52T430/E430
8/88
pin in order to start EPROM programming. A signal
applied to PB1 is used to increment the memory
address; the data is supplied to PORT A (see
EPROM programming for further details).
1.2.2 Working mode.
Below are the control signals of this mode:
The processor starts the working phase following
the instructions, which have been previously
loaded in the memory.
S T 52 x 4 3 0 ’ s i n t e rna l s t ruc t ure i n c l ud es a
computational block, CONTROL UNIT (CU) /
DATA PROCESSING UNIT (DPU), which allows
pro ces sin g of b oo le an fu ncti on s an d fuzz y
algorithms.
The CU/DPU can manage up to 334 different
M e m bersh i p F unc ti ons fo r the f u zz y ru l e s
antecedent part. The rule consequents are “crisp”
values (real numbers). The maximum number of
rul es that ca n be defined i s l im ited by th e
di m e n s i o n s of the i m pl em e n t e d s t a n d a r d
algorithm.
EPR OM i s th en sh are d be tw ee n fuzzy an d
standard algorithms. The Membership Function
data is stored inside the fi rst 1024 mem ory
locations. The Fuzzy rules are parts of the program
instructions.
The Control Unit (CU) reads the information and
the status deriving from the peripherals.
Arithmetic calculus can be performed on these
values by using the internal CU and the 128/256
bytes of RAM, which supports all computations.
The peripheral input can be fuzzy and/or arithmetic
output, or the values contained in Data RAM and
EPROM locations.
Figure 1.1 TQFP32 Pin Configuration
RESET
TEST
VPP
VDD
VSS
VSS
INT / PC0
T0OUT / PC1
T1OUT / PC2
T2OUT / PC3
TX / PC4
RX / PC5
PC6
PC7
PB6 / AIN6
PA7 / PB7 / AIN7
PA6
PA5 / T0CLK
PA4 / STRT
PA3 / T2OUT
PA2 / T1OUT
PA1 / T0OUT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com