Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X430 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST52X430
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X430 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST52X430 Datasheet HTML 6Page - STMicroelectronics ST52X430 Datasheet HTML 7Page - STMicroelectronics ST52X430 Datasheet HTML 8Page - STMicroelectronics ST52X430 Datasheet HTML 9Page - STMicroelectronics ST52X430 Datasheet HTML 10Page - STMicroelectronics ST52X430 Datasheet HTML 11Page - STMicroelectronics ST52X430 Datasheet HTML 12Page - STMicroelectronics ST52X430 Datasheet HTML 13Page - STMicroelectronics ST52X430 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
ST52T430/E430
10/88
Table 1.1 ST52x430 SSO34 & PSDIP32 Pin list
SSO34
Pins
SDIP32
Pins
NAME
Programming Phase
Working Phase
1
1
RESET
General Reset
General Reset
2
2
OSCOUT
Oscillator Output
3
3
OSCIN
Oscillator Input
4
4
TEST
Must be tied to Vss
Must be tied to Vss
5
5
INT/PC0
PHASE signal (PHASE)
External interrupt, Digital I/O
6
6
T0OUT/PC1
Timer/PWM 0 output, Digital I/O
7
7
T1OUT/PC2
Timer/PWM 1 output, Digital I/O
8
8
T2OUT/PC3
Timer/PWM 2 output, Digital I/O
9
9
TX/PC4
SCI Output, Digital I/O
10
10
RX/PC5
SCI Input, Digital I/O
11
11
PC6
Digital I/O
12
12
PC7
Digital I/O
13
nc
14
13
Ain0/PB0
Address Reset (RST_ADD)
Analog Input, Digital I/O
15
14
Ain1/PB1
Address Increment (INC_ADD)
Analog Input, Digital I/O
16
15
Ain2/PB2
Configuration Reset (RST_CONF)
Analog Input, Digital I/O
17
16
Ain3/PB3
Configuration Increment
(INC_CONF)
Analog Input, Digital I/O
18
17
VDDA
Analog Power Supply
Analog Power Supply
19
18
GNDA
Analog Ground
Analog Ground
20
19
Ain4/PB4
Analog Input, Digital I/O
21
20
Ain5/PB5
Analog Input, Digital I/O
22
nc
23
21
Ain6/PB6
Analog Input, Digital I/O
24
22
Ain7/PB7/PA7
I/O EPROM Data
Analog Input, Digital I/O
25
23
PA6
I/O EPROM Data
Digital I/O
26
24
T0CLK/PA5
I/O EPROM Data
Timer/PWM 0 clock, Digital I/O
27
25
T0STRT/PA4
I/O EPROM Data
Timer/PWM 0 start/stop, Digital I/O
28
26
T2OUT/PA3
I/O EPROM Data
Timer/PWM 2 compl. output, Digital I/O
29
27
T1OUT/PA2
I/O EPROM Data
Timer/PWM 1 compl. output, Digital I/O
30
28
T0OUT/PA1
I/O EPROM Data
Timer/PWM 0 compl. output, Digital I/O
31
29
T0RES/PA0
I/O EPROM Data
Timer/PWM 0 Reset, Digital I/O
32
30
VPP
EPROM Programming Power
supply (12V
± 5%)
EPROM VDD or Vss
33
31
Vss
Digital Ground
Digital Ground
34
32
VDD
Digital Power Supply
Digital Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com