Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X430 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST52X430
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X430 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST52X430 Datasheet HTML 55Page - STMicroelectronics ST52X430 Datasheet HTML 56Page - STMicroelectronics ST52X430 Datasheet HTML 57Page - STMicroelectronics ST52X430 Datasheet HTML 58Page - STMicroelectronics ST52X430 Datasheet HTML 59Page - STMicroelectronics ST52X430 Datasheet HTML 60Page - STMicroelectronics ST52X430 Datasheet HTML 61Page - STMicroelectronics ST52X430 Datasheet HTML 62Page - STMicroelectronics ST52X430 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
ST52T430/E430
59/88
Figure 10.10 Configuration Register 10
Table 10.6 Config. Register 10 Description
Bit
Name
Value
Description
0
TIRST2
0
PWM/TIMER 2 Internal RESET
1
PWM/TIMER 2 Internal SET
1
-
-
- not used
2
TISTR2
0
PWM/TIMER 2 Internal STOP
1
PWM/TIMER 2 Internal START
3
-
-
- not used
4
INTE2
00
TIMER2 Interrupt on
TIMER2OUT Falling Edge
01
TIMER2 Interrupt on
TIMER2OUT Rising Edge
5
10
TIMER2 Interrupt on Both Edges of TIMER2OUT
11
- not used
6
INTSL2
0
TIMER2 Interrupt on Counter Stop
1
TIMER2 Interrupt on
TIMER2OUT
7
T2MODE
0
TIMER MODE
1
PWM MODE
D7 D6 D5 D4 D3 D2 D1 D0
TIRST2: Timer 2 RESET
- not used
TISTR2: Timer 2 START
- not used
INTE2: Timer 2 Interrupt on TIMER2OUT Rising/Falling Edge
INTSL2: Timer 2 Interrupt Source selection
T2MODE: Timer 2 working mode
REG_CONF 10
TIMER 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com