Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T28C Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST62T28C
Description  8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28-PIN PACKAGE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T28C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST62T28C Datasheet HTML 5Page - STMicroelectronics ST62T28C Datasheet HTML 6Page - STMicroelectronics ST62T28C Datasheet HTML 7Page - STMicroelectronics ST62T28C Datasheet HTML 8Page - STMicroelectronics ST62T28C Datasheet HTML 9Page - STMicroelectronics ST62T28C Datasheet HTML 10Page - STMicroelectronics ST62T28C Datasheet HTML 11Page - STMicroelectronics ST62T28C Datasheet HTML 12Page - STMicroelectronics ST62T28C Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
9/84
ST62T28C/E28C
MEMORY MAP (Cont’d)
1.3.3 Data Space
Data Space accommodates all the data necessary
for processing the user program. This space com-
prises the RAM resource, the processor core and
peripheral registers, as well as read-only data
such as constants and look-up tables in Program
memory.
1.3.3.1 Data ROM
All read-only data is physically stored in program
memory, which also accommodates the Program
Space. The program memory consequently con-
tains the program code to be executed, as well as
the constants and look-up tables required by the
application.
The Data Space locations in which the different
constants and look-up tables are addressed by the
processor core may be thought of as a 64-byte
window through which it is possible to access the
read-only data stored in Program memory.
1.3.3.2 Data RAM
In ST6228C and ST62E28C devices, the data
space includes 60 bytes of RAM, the accumulator
(A), the indirect registers (X), (Y), the short direct
registers (V), (W), the I/O port registers, the pe-
ripheral data and control registers, the interrupt
option register and the Data ROM Window register
(DRW register).
Additional RAM pages can also be addressed us-
ing banks of 64 bytes located between addresses
00h and 3Fh.
1.3.4 Stack Space
Stack space consists of six 12-bit registers which
are used to stack subroutine and interrupt return
addresses, as well as the current program counter
contents.
Table 3. Additional RAM Banks
Table 4. ST62T28C/E28C Data Memory Space
Device
RAM
ST62T28C/E28C
2 x 64 bytes
DATA RAM BANKS
000h
03Fh
DATA ROM WINDOW AREA
040h
07Fh
X REGISTER
080h
Y REGISTER
081h
V REGISTER
082h
W REGIS TER
083h
DATA RAM
084h
0BFh
PORT A DATA REGISTER
0C0h
PORT B DATA REGISTER
0C1h
PORT C DATA REGISTE R
0C2h
PORT D DATA REGISTE R
0C3h
PORT A DIRECTION REGISTE R
0C4h
PORT B DIRECTION REGISTE R
0C5h
PORT C DIRECT ION REGISTE R
0C6h
PORT D DIRECT ION REGISTE R
0C7h
INTERRUPT OPTION REGISTER
0C8h*
DATA ROM WIND OW REGISTE R
0C9h*
ROM BANK SELECT REGISTE R
0CAh*
RAM BANK SELECT REGISTE R
0CBh*
PORT A OPTION REGISTER
0CCh
PORT B OPTION REGISTER
0CDh
PORT C OPTION REGISTER
0CEh
PORT D OPTION REGISTER
0CFh
A/D DATA REGIS TER
0D0h
A/D CONTROL REGIS TER
0D1h
TIMER 1 PRESCALE R REGISTER
0D2h
TIMER 1 COUNTE R REGISTER
0D3h
TIMER 1 STATUS/CONTROL REGISTER
0D4h
RESERVED
0D5h
UART DATA SHIFT REGISTER
0D6h
UART STATUS CONTROL REGISTER
0D7h
WATCHDOG REGISTER
0D8h
RESERVED
0D9h
I/O INTER RUPT POLARITY REGIS TER
0DAh
SPI INTERRUPT DISAB LE REGISTE R
0DCh*
SPI DATA SHIFT REGISTER
0DDh
RESERVED
0DEh
0E4h
ARTIMER MODE/CONTROL REGIS TER
0E5h
ARTIME R STATUS/CONTROL REGISTER ARSC0
0E6h
ARTIME R STATUS/CONTROL REGISTER ARSC1
0E7h
RESE RVED
0E8h
ARTIMER RELOAD/CAPTURE REGIST ER
0E9h
ARTIMER COMPARE REGISTER
0EAh
. ARTIMER LOAD REGISTER
0EBh
RESE RVED
0ECh
ACCUMULATOR
OFFh
* WRIT E ONLY REGISTER
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com