Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T28C Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST62T28C
Description  8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28-PIN PACKAGE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T28C Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST62T28C Datasheet HTML 18Page - STMicroelectronics ST62T28C Datasheet HTML 19Page - STMicroelectronics ST62T28C Datasheet HTML 20Page - STMicroelectronics ST62T28C Datasheet HTML 21Page - STMicroelectronics ST62T28C Datasheet HTML 22Page - STMicroelectronics ST62T28C Datasheet HTML 23Page - STMicroelectronics ST62T28C Datasheet HTML 24Page - STMicroelectronics ST62T28C Datasheet HTML 25Page - STMicroelectronics ST62T28C Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
22/84
ST62T28C/E28C
RESETS (Cont’d)
Table 6. Register Reset Status
Register
Address(es)
Status
Comment
Port Data Registers
Port Direction Register
Port Option Register
Interrupt Option Register
TIMER Status/Control
AR TIMER Mode/Control Register
AR TIMER Status/Control Register 0
AR TIMER Status/Control Register 1
0C0h to 0C3h
0C4h to 0C7h
0CCh to 0CFh
0C8h
0D4h
0E5h
0E6h
0E7h
00h
I/O are Input with or without pull-up
depending on PORT PULL option
Interrupt disabled
TIMER disabled
AR TIMER disabled
X, Y, V, W, Register
Accumulator
Data RAM
Data RAM Page Register
Data ROM Window Register
A/D Result Register
ARTIMER Reload/Capture Register
ARTIMER Compare Registers
ARTIMER Load Registers
080H TO 083H
0FFh
084h to 0BFh
0CBh
0C9h
0D0h
0E9h
0EAh
0EBh
Undefined
TIMER Counter Register
TIMER Prescaler Register
Watchdog Counter Register
A/D Control Register
0D3h
0D2h
0D8h
0D1h
FFh
7Fh
FEh
40h
Max count loaded
A/D in Stand-by
UART Status Control
0D7h
UART disabled
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com