Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T28C Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST62T28C
Description  8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28-PIN PACKAGE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T28C Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST62T28C Datasheet HTML 26Page - STMicroelectronics ST62T28C Datasheet HTML 27Page - STMicroelectronics ST62T28C Datasheet HTML 28Page - STMicroelectronics ST62T28C Datasheet HTML 29Page - STMicroelectronics ST62T28C Datasheet HTML 30Page - STMicroelectronics ST62T28C Datasheet HTML 31Page - STMicroelectronics ST62T28C Datasheet HTML 32Page - STMicroelectronics ST62T28C Datasheet HTML 33Page - STMicroelectronics ST62T28C Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
30/84
ST62T28C/E28C
INTERRUPTS (Cont’d)
Interrupt Polarity Register (IPR)
Address: DAh
Read/Write
In conjunction with I/O register ESB bit, the polarity
of I/O pins triggered interrupts can be selected by
setting accordingly the Interrupt Polarity Register
(IPR). If a bit in IPR is set to one the corresponding
port interrupt is inverted (e.g. IPR bit 2 = A; port C
generates interrupt on rising edge. At reset, IPR is
cleared and all port interrupts are not inverted (e.g.
Port C generates interrupts on falling edges).
Bit 7 - Bit 4 =
Unused.
Bit 3 =
Port D Interrupt Polarity.
Bit 2 =
Port C Interrupt Polarity.
Bit 1=
Port A Interrupt Polarity.
Bit 0 =
Port B Interrupt Polarity.
Tables 11. I/O Interrupts selections according to IPR, IOR programming
70
-
-
-
-
PortD PortC PortA PortB
GEN
IPR3
IPR0
IOR5
Port B occurrence
Port D occurrence
Interrupt
source
1
0
0
0
falling edge
falling edge
2
1
0
0
1
rising edge
rising edge
1
0
1
0
rising edge
falling edge
1
0
1
1
falling edge
rising edge
1
1
0
0
falling edge
rising edge
1
1
0
1
rising edge
falling edge
1
1
1
0
rising edge
rising edge
1
1
1
1
falling edge
falling edge
0
X
X
X
Disabled
Disabled
GEN
IPR1
IOR6
Port A occurrence
Interrupt
source
1
0
0
falling edge
1
1
0
1
low level
1
1
0
rising edge
1
1
1
high level
0
X
X
Disabled
IPR2
Port C occurrence
Interrupt source
0
falling edge
0
1
rising edge
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com