Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T28C Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST62T28C
Description  8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28-PIN PACKAGE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T28C Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST62T28C Datasheet HTML 50Page - STMicroelectronics ST62T28C Datasheet HTML 51Page - STMicroelectronics ST62T28C Datasheet HTML 52Page - STMicroelectronics ST62T28C Datasheet HTML 53Page - STMicroelectronics ST62T28C Datasheet HTML 54Page - STMicroelectronics ST62T28C Datasheet HTML 55Page - STMicroelectronics ST62T28C Datasheet HTML 56Page - STMicroelectronics ST62T28C Datasheet HTML 57Page - STMicroelectronics ST62T28C Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
54/84
ST62T28C/E28C
U. A. R. T (Cont’d)
4.5.4 Data Reception
The UART continuously looks for a falling edge on
the input pin whenever a transmission is not ac-
tive. Once an edge is detected it waits 1 bit time (8
states) to accommodate the Start bit, and then as-
sembles the following serial data stream into the
data register. First 8 bit are stored into the UART
Data Register, while the additionnal 9th bit is
stored into the LSB of the UART Control Register
in case of the 11-bit frame MCU option has been
selected. When the 10-bit frame option is selected,
the parity of the 8 received bit is automatically writ-
ten into the LSB of the UART Control Register
(PTYEN bit).
After all bit have been received, the Receiver waits
for the duration of one bit (for the Stop bit) and
then transfers the received data into the buffer reg-
ister, allowing a following character to be received.
The interrupt flag RXRDY is set to 1 as the data is
transferred to the buffer register and, if enabled,
will generate an interrupt.
Figure 33. Data Sampling Points
If a transmission is started during the course of a
reception, the transmission takes priority and the
reception is stopped to free the resources for the
transmission. This implies that a handshaking sys-
tem must be implemented, as polling of the UART
to detect reception is not available.
4.5.5 Interrupt Capabilities
Both reception and transmission processes can in-
duce interrupt to the core as defined in the inter-
rupt section. These interrupts are enabled by set-
ting TXIEN and RXIEN bit in the UARTCR register,
and TXMT and RXRDY flags are set accordingly
to the interrupt source.
4.5.6 Registers
UART Data Register (UARTDR)
Address: D6h, Read/Write
Bit7-Bit0.
UART data bits. A write to this register
loads the data into the transmit shift register and
triggers the start of transmission. In addition this
resets the transmit interrupt flag TXMT. A read of
this register returns the data from the Receive
buffer. If the automatic even parity computation is
set (Bit PTYEN set), D7 must be cleared to 0 be-
fore transmission. Only the 7 LSB D0..D6 contain
the data to be sent.
Warning. No Read/Write Instructions may be
used with this register as both transmit and receive
share the same address
Table 19. Baudrate Selection
VR02010
1 BIT
0
1
2
345
67
8
SAMPLES
70
D7
D6
D5
D4
D3
D2
D1
D0
BR2
BR1
BR0
fINT Division
Baud Rate
fINT = 8MHz
fINT = 4MHz
0
0
0
6.656
1200
600
0
0
1
3.328
2400
1200
0
1
0
1.664
4800
2400
0
1
1
832
9600
4800
1
0
0
416
19200
9600
1
0
1
256
31200
15600
1
1
0
208
38400
19200
1
1
1
104
76800
38400
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com