Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T32B Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST62T32B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T32B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST62T32B Datasheet HTML 14Page - STMicroelectronics ST62T32B Datasheet HTML 15Page - STMicroelectronics ST62T32B Datasheet HTML 16Page - STMicroelectronics ST62T32B Datasheet HTML 17Page - STMicroelectronics ST62T32B Datasheet HTML 18Page - STMicroelectronics ST62T32B Datasheet HTML 19Page - STMicroelectronics ST62T32B Datasheet HTML 20Page - STMicroelectronics ST62T32B Datasheet HTML 21Page - STMicroelectronics ST62T32B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
18/86
ST62T32B ST62E32B
3 CLOCKS, RESET, INTERRUPTS AND POWER SAVING MODES
3.1 CLOCK SYSTEM
The MCU features a Main Oscillator which can be
driven by an external clock, or used in conjunction
with an AT-cut parallel resonant crystal or a suita-
ble ceramic resonator. In addition, a Low Frequen-
cy Auxiliary Oscillator (LFAO) can be switched in
for security reasons, to reduce power consump-
tion, or to offer the benefits of a back-up clock sys-
tem.
The Oscillator Safeguard (OSG) option filters
spikes from the oscillator lines, provides access to
the LFAO to provide a backup oscillator in the
event of main oscillator failure and also automati-
cally limits the internal clock frequency (fINT)as a
function of VDD, in order to guarantee correct oper-
ation. These functions are illustrated in Figure 10,
Figure 11, Figure 12 and Figure 13.
Figure 9 illustrates various possible oscillator con-
figurations using an external crystal or ceramic res-
onator, an external clock input or the lowest cost so-
lution using only the LFAO. CL1 an CL2 should have
a capacitance intherange 12 to22 pFfor anoscillator
frequency in the 4-8 MHz range.
The internal MCU clock frequency (fINT) is divided
by 12 to drive the Timer and the Watchdog timer,
and by 13 to drive the CPU core, while the A/D
converter is driven by fINT divided either by 6 or by
12 as may be seen in Figure 12.
With an 8MHz oscillator frequency, the fastest ma-
chine cycle is therefore 1.625
µs.
A machine cycle is the smallest unit of time needed
to execute any operation (for instance, to increment
the Program Counter). An instruction may require
two, four, or five machine cycles for execution.
3.1.1 Main Oscillator
The main oscillator can be turned off (when the
OSG ENABLED option is selected) by setting the
OSCOFF bit of the OSCR Control Register. The
Low Frequency Auxiliary Oscillator is automatical-
ly started.
Figure 9. Oscillator Configurations
INTEGRATE D CLOCK
OSG ENABLED option
OSCin
OSCout
CL1n
CL2
ST6xxx
CRYSTAL/R ESONATOR CLOCK
OSCin
OSCout
ST6xxx
EXTERNAL CLOCK
NC
OSCin
OSCout
ST6xxx
NC
VA0016
VA0015A
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com