Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T32B Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST62T32B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T32B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST62T32B Datasheet HTML 28Page - STMicroelectronics ST62T32B Datasheet HTML 29Page - STMicroelectronics ST62T32B Datasheet HTML 30Page - STMicroelectronics ST62T32B Datasheet HTML 31Page - STMicroelectronics ST62T32B Datasheet HTML 32Page - STMicroelectronics ST62T32B Datasheet HTML 33Page - STMicroelectronics ST62T32B Datasheet HTML 34Page - STMicroelectronics ST62T32B Datasheet HTML 35Page - STMicroelectronics ST62T32B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
32/86
ST62T32B ST62E32B
IINTERRUPTS (Cont’d)
Interrupt Polarity Register (IPR)
Address: DAh
Read/Write
In conjunction with IOR register ESB bit, the polar-
ity of I/O pins triggered interrupts can be selected
by setting accordingly the Interrupt Polarity Regis-
ter (IPR). If a bit in IPR is set to one the corre-
sponding port interrupt is inverted (e.g. IPR bit 2 =
1 ; port C generates interrupt on rising edge. At re-
set, IPR is cleared and all port interrupts are not in-
verted (e.g. Port C generates interrupts on falling
edges).
Bit 7 - Bits 5 =
Unused.
Bit 4 =
Port E Interrupt Polarity.
Bit 3 =
Port D Interrupt Polarity.
Bit 2 =
Port C Interrupt Polarity.
Bit 1=
Port A Interrupt Polarity.
Bit 0 =
Port B Interrupt Polarity.
Table 12. I/O Interrupts selections according to IPR, IOR programming
70
-
-
-
PortE PortD PortC PortA PortB
GEN
IPR3
IPR0
IOR5
Port B occurence
Port D occurence
Interrupt
source
1
0
0
0
falling edge
falling edge
2
1
0
0
1
rising edge
rising edge
1
0
1
0
rising edge
falling edge
1
0
1
1
falling edge
rising edge
1
1
0
0
falling edge
rising edge
1
1
0
1
rising edge
falling edge
1
1
1
0
rising edge
rising edge
1
1
1
1
falling edge
falling edge
0
X
X
X
Disabled
Disabled
GEN
IPR4
IPR1
IOR6
Port A occurence
Port E occurence
Interrupt
source
1
0
0
0
falling edge
falling edge
1
1
0
0
1
low level
low level
1
0
1
0
rising edge
falling edge
1
0
1
1
high level
low level
1
1
0
0
falling edge
rising edge
1
1
0
1
low level
high level
1
1
1
0
rising edge
rising edge
1
1
1
1
high level
high level
0
X
X
X
Disabled
Disabled
IPR2
Port C occurence
Interrupt source
0
falling edge
0
1
rising edge
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com