Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T32B Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST62T32B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T32B Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST62T32B Datasheet HTML 55Page - STMicroelectronics ST62T32B Datasheet HTML 56Page - STMicroelectronics ST62T32B Datasheet HTML 57Page - STMicroelectronics ST62T32B Datasheet HTML 58Page - STMicroelectronics ST62T32B Datasheet HTML 59Page - STMicroelectronics ST62T32B Datasheet HTML 60Page - STMicroelectronics ST62T32B Datasheet HTML 61Page - STMicroelectronics ST62T32B Datasheet HTML 62Page - STMicroelectronics ST62T32B Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
59/86
ST62T32B ST62E32B
4.5 U. A. R. T. (Universal Asynchronous Receiver/Transmitter)
The UART provides the basic hardware for asyn-
chronous serial communication which, combined
with an appropriate software routine, gives a serial
interface providing communication with common
baud rates (up to 38,400 Baud with an 8MHz ex-
ternal oscillator) and flexible character formats.
Operating in Half-Duplex mode only, the UART
uses 11-bit characters comprising 1 start bit, 9 data
bits and 1 Stop bit. Parity is supported by software
only for transmit and for checking the received par-
ity bit (bit 9). Transmitted data is sent directly, while
received data is buffered allowing further data
characters to be received while the data is being
read out of the receive buffer register. Data trans-
mit has priority over data being received.
The UART is supplied with an MCU internal clock
that is also available in WAIT mode of the processor.
4.5.1 PORTS INTERFACING
RXD reception line and TXD emission line are
sharing the same external pins as two I/O lines.
Therefore, UART configuration requires to set
these two I/O lines through the relevant ports reg-
isters. The I/O line common with RXD line must be
defined as input mode (with or without pull-up)
while the I/O line common with TXD line must be
defined as output mode (Push-pull or open drain).
The transmitted data is inverted and can therefore
use a single transistor buffering stage. Defined as
input, the RXD line can be read at any time as an
I/O line during the UART operation. The TXD pin
follows I/O port registers value when UARTOE bit
is cleared, which means when no serial transmis-
sion is in progress. As a consequence, a perma-
nent high level has to be written onto the I/O port in
order to achieve a proper stop condition on the
TXD line when no transmission is active.
Figure 35. UART Block Diagram
START
DETE CTOR
DATA SHIFT
REGISTER
D8 D7 D6 D5 D4 D3 D2 D1 D0
CONTROL REGISTER
BAUD RATE
RECEIVE BUFFER
REGISTER
PROGRAMMABLE
DIVIDER
DIN
DOUT
D9
BAUD RATE x 8
WRITE
READ
RXD1
TXD1
UARTOE
RX and TX
INTERRUPTS
TXD
DR
0
MUX
1
fOSC
VR02009
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com