Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T32B Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST62T32B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T32B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST62T32B Datasheet HTML 20Page - STMicroelectronics ST62T32B Datasheet HTML 21Page - STMicroelectronics ST62T32B Datasheet HTML 22Page - STMicroelectronics ST62T32B Datasheet HTML 23Page - STMicroelectronics ST62T32B Datasheet HTML 24Page - STMicroelectronics ST62T32B Datasheet HTML 25Page - STMicroelectronics ST62T32B Datasheet HTML 26Page - STMicroelectronics ST62T32B Datasheet HTML 27Page - STMicroelectronics ST62T32B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
24/86
ST62T32B ST62E32B
RESETS (Cont’d)
Table 7. Register Reset Status
Register
Address(es)
Status
Comment
Oscillator Control Register
EEPROM Control Register
Port Data Registers
Port Direction Register
Port Option Register
Interrupt Option Register
TIMER Status/Control
AR TIMER Status/Control 1 Register
AR TIMER Status/Control 2 Register
AR TIMER Status/Control 3 Register
AR TIMER Status/Control 4 Register
SPI Registers
0DBh
0DFh
0C0h to 0C2h
0C4h to 0C6h
0CCh to 0CEh
0C8h
0D4h
0E8h
0E1h
0E2h
OE3h
0DCh to 0DDh
00h
Main oscillator on
EEPROM enabled
I/O are Input with or without pull-up
depending on PORT PULL option
Interrupt disabled
TIMER disabled
AR TIMER stopped
SPI disabled
X, Y, V, W, Register
Accumulator
Data RAM
Data RAM Page REgister
Data ROM Window Register
EEPROM
A/D Result Register
AR TIMER Capture Register
AR TIMER Reload/Capture Register
ARTIMER Mask Registers
ARTIMER Compare Registers
080H TO 083H
0FFh
084h to 0BFh
0CBh
0C9h
00h to 03Fh
0D0h
0DBh
0D9h
OE0h-OEFh
OEDh-OEEh
Undefined
As written if programmed
TIMER Counter Register
TIMER Prescaler Register
Watchdog Counter Register
A/D Control Register
0D3h
0D2h
0D8h
0D1h
FFh
7Fh
FEh
40h
Max count loaded
A/D in Standby
UART Control
UART Data Register
OD7h
OD6h
UART disabled
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com