Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T35B Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST62T35B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T35B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST62T35B Datasheet HTML 23Page - STMicroelectronics ST62T35B Datasheet HTML 24Page - STMicroelectronics ST62T35B Datasheet HTML 25Page - STMicroelectronics ST62T35B Datasheet HTML 26Page - STMicroelectronics ST62T35B Datasheet HTML 27Page - STMicroelectronics ST62T35B Datasheet HTML 28Page - STMicroelectronics ST62T35B Datasheet HTML 29Page - STMicroelectronics ST62T35B Datasheet HTML 30Page - STMicroelectronics ST62T35B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
27/82
ST62T35B/E35B
IINTERRUPTS (Cont’d)
3.3.3 Interrupt Option Register (IOR)
The Interrupt Option Register (IOR) is used to en-
able/disable the individual interrupt sources and to
select the operating mode of the external interrupt
inputs. This register is write-only and cannot be
accessed by single-bit operations.
Address: 0C8h
— Write Only
Reset status: 00h
Bit 7, Bits 3-0 =
Unused.
Bit 6 = LES: Level/Edge Selection bit.
When this bit is set to one, the interrupt source #1
is level sensitive. When cleared to zero the edge
sensitive mode for interrupt request is selected.
Bit 5 = ESB:
Edge Selection bit.
The bit ESB selects the polarity of the interrupt
source #2.
Bit 4 = GEN:
Global Enable Interrupt. When this
bit is set to one, all interrupts are enabled. When
this bit is cleared to zero all the interrupts (exclud-
ing NMI) are disabled.
When the GEN bit is low, the NMI interrupt is ac-
tive but cannot cause a wake up from STOP/WAIT
modes.
This register is cleared on reset.
3.3.4 Interrupt sources
Interrupt
sources
available
on
the
ST62E35B/T35B are summarized in theTable 10
with associated mask bit to enable/disable the in-
terrupt request.
Table 10. Interrupt Requests and Mask Bits
70
-
LES
ESB
GEN
-
-
-
-
Peripheral
Register
Address
Register
Mask bit
Masked Interrupt Source
Interrupt
source
GENERAL
IOR
C8h
GEN
All Interrupts, excluding NMI
All
TIMER
TSCR1
D4h
ETI
TMZ: TIMER Overflow
source 4
A/D CONVERTER
ADCR
D1h
EAI
EOC: End of Conversion
source 4
UART
UARTCR
D7h
RXIEN
TXIEN
RXRDY : Byte received
TXMT : Byte sent
source 4
ARTIMER
SCR1
SCR2
SCR3
SCR3
SCR3
E8h
E1h
E2h
E2h
E2h
OVFIEN
CP1IEN
CP2IEN
ZEROIEN
CMPIEN
OVFFLG: ARTIMER Overflow
CP1FLG
CP2FLG
ZEROFLG: Compare to zero flag
CMPFLG: Compare flag
source 3
SPI
SPI
DCh
ALL
End of Transmission
source 1
Port PAn
ORPA-DRPA
C0h-C4h
ORPAn-DRPAn
PAn pin
source 1
Port PBn
ORPB-DRPB
C1h-C5h
ORPBn-DRPBn
PBn pin
source 2
Port PCn
ORPC-DRPC
C2h-C6h
ORPCn-DRPCn
PCn pin
source 0
Port PDn
ORPD-DRPD
C3h-C7h
ORPDn-DRPDn
PDn pin
source 2
Port PEn
ORPE-DRPE
FCh-FDh
ORPEn-DRPEn
PEn pin
source 1
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com