Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T35B Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST62T35B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T35B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST62T35B Datasheet HTML 41Page - STMicroelectronics ST62T35B Datasheet HTML 42Page - STMicroelectronics ST62T35B Datasheet HTML 43Page - STMicroelectronics ST62T35B Datasheet HTML 44Page - STMicroelectronics ST62T35B Datasheet HTML 45Page - STMicroelectronics ST62T35B Datasheet HTML 46Page - STMicroelectronics ST62T35B Datasheet HTML 47Page - STMicroelectronics ST62T35B Datasheet HTML 48Page - STMicroelectronics ST62T35B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
45/82
ST62T35B/E35B
Figure 25. . Mask Impact on the Compare Functions in PWM mode (PWMD=0, PWMPOL=1)
F
E
D
C
B
A
98
7
6
5
432
1
0
F
MASK
000Fh
0007h
0003h
0001h
CMP = 000Fh
Counter
24/f
CLK
most
significant
“1” is bit 3
2
3/f
CLK
“1” is bit 2
2
2/f
CLK
“1” is bit 1
21/f
CLK
“1” is bit 0
most
most
most
0003&000C = 0000h
0003&0007 = 0003&000F
significant
significant
significant
Bit 0...3
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com