Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T35B Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST62T35B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T35B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST62T35B Datasheet HTML 43Page - STMicroelectronics ST62T35B Datasheet HTML 44Page - STMicroelectronics ST62T35B Datasheet HTML 45Page - STMicroelectronics ST62T35B Datasheet HTML 46Page - STMicroelectronics ST62T35B Datasheet HTML 47Page - STMicroelectronics ST62T35B Datasheet HTML 48Page - STMicroelectronics ST62T35B Datasheet HTML 49Page - STMicroelectronics ST62T35B Datasheet HTML 50Page - STMicroelectronics ST62T35B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
47/82
ST62T35B/E35B
TIMINGS MEASUREMENT MODES(Cont’d)
CP2 triggered restart mode with CP2 event de-
tection.
This mode is enabled for RLDSEL2=1 and
RLDSEL1=0.
As long as RUNRES bit is set, an external event
on CP2 pin generates both, at first the capture into
CP, and then the reload from RLCP. Capture into
CP on CP2 event is enabled only if CP2FLG and
CP2ERR are cleared, otherwise only reload func-
tions from RLCP are performed.
An external event on CP1 activates CP1FLG or
CP1ERR flags without any impact on the reload or
capture functions.
Note: After Reset, the first CP2 event will capture
the 0000h state of the counter into CP and then
will restart the counter after loading it from RLCP.
CP2FLG flag must always be cleared to execute
another capture into CP.
Software triggered restart mode with CP2
event detection.
This mode is enabled for RLDSEL2=0 and
RLDSEL1=0.
RUNRES bit setting initiates the reload and start-
up of the downcounting, while CP2 is used as
strobe source for the CT capture into CP register.
Figure 27. . CP2 Triggered Restart Mode with CP2 Event Detection
Figure 28. . Software Triggered Restart Mode with CP2 Event Detection
VR02007C
CP1
No action
Set CP2ERR
First Capture CT into CP
CP2
Set CP1ERR
Set CP1FLG
Reload CT from RLCP
Then Reload CT from RLCP
Set CP2FLG
Reload CT from RLCP
VR02007D
COUNTER
CP1
CP1 disabled
0000h
0000h
CT
Load Counter from RLCP and Startup
RUNRES
Software Reset
Set CP1FLG
CP2 disabled
CP2
Set CP2ERR
CP1 disabled
Set CP1ERR
Capture CT into CP
Set CP2FLG
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com