Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T35B Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST62T35B
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T35B Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST62T35B Datasheet HTML 39Page - STMicroelectronics ST62T35B Datasheet HTML 40Page - STMicroelectronics ST62T35B Datasheet HTML 41Page - STMicroelectronics ST62T35B Datasheet HTML 42Page - STMicroelectronics ST62T35B Datasheet HTML 43Page - STMicroelectronics ST62T35B Datasheet HTML 44Page - STMicroelectronics ST62T35B Datasheet HTML 45Page - STMicroelectronics ST62T35B Datasheet HTML 46Page - STMicroelectronics ST62T35B Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
43/82
ST62T35B/E35B
4.3.1 CENTRAL COUNTER
The core of the 16 bit Auto-Reload Timer is a 16-
bit synchronous downcounter which accepts the
MCU internal clock through a prescaler with a pro-
grammable ratio (1/1, 1/4, 1/16).
The maximum time for downcounting is therefore
2
16 x Psc x Tclk where Psc is the prescaler ratio,
and Tclk the period of the main oscillator.
This down counter is stopped and its content kept
cleared as long as RUNRES bit is cleared.
4.3.1.1 Reload functions
The 16-bit down counter can be reloaded 3 differ-
ent ways:
At a zero overflow occurrence with the bit RELOAD
cleared: The counter is reloaded to FFFFh.
At a zero overflow occurrence with the bit
RELOAD set: The counter is reloaded with the val-
ue programmed in the RLCP register. For each
overflow, the transition between 0000h and the re-
load value (RLCP or FFFFh) is flagged through
the OVFFLG bit.
At an external event on pin CP1 or CP2 with the bit
RELOAD set: The counter is reloaded with the val-
ue programmed in the RLCP register.
As a consequence, the time between a timer re-
load and a zero overflow occurrence depends on
the value in RLCP when RELOAD bit is set. This
time is equal to (RLCP+1) x Psc x Tclk when
RELOAD bit is set, while it is 2
16 x Psc x Tclk
when RELOAD bit is cleared.
4.3.1.2 Compare functions
The value in the counter CT is continuously com-
pared to 0000h and to the value programmed into
the Compare Register CMP. The comparison
range to 0000h and CMP is defined by using the
MASK register to select which bits are used,
therefore the comparisons performed are:
– MASK&CT =
? MASK&CMP.
– MASK&CT =
?
0000h.
When
a matched comparison
to 0000h
or
MASK&CMP occurs, the flags ZEROFLG and
COMPFLG are respectively set.
By using MASK values reported inTable 16., the
MASK register works as counter frequency multi-
plier for the compare functions. In that case posi-
tive masked comparison occur with a period of
2
(n+1) x Psc x Tclk where n is the position of the
most significant bit of MASK value.
Table 16. .Recommended Mask Values
Note: Writing 0000h in MASK gives a period equal
to two times the prescaled period Psc x Tclk.
Figure 24. . Flags Setting in Compare and Reload Functions
Hexadecimal
Binary
MSbit at 1
position,n
FFFFh
7FFFh
3FFFh
1FFFh
0FFFh
...
0007h
0003h
0001h
1111 1111 1111 1111
0111 1111 1111 1111
0011 1111 1111 1111
0001 1111 1111 1111
0000 1111 1111 1111
...
0000 0000 0000 0111
0000 0000 0000 0011
0000 0000 0000 0001
15
14
13
12
11
2
1
0
CMP
Counter
ZEROFLG
0
FFFFh
or
RLCP
Software Reset
Software Reset
Software Reset
OVFFLG
COMPFLG
Value CT
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com