Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T45B Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST62T45B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T45B Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST62T45B Datasheet HTML 59Page - STMicroelectronics ST62T45B Datasheet HTML 60Page - STMicroelectronics ST62T45B Datasheet HTML 61Page - STMicroelectronics ST62T45B Datasheet HTML 62Page - STMicroelectronics ST62T45B Datasheet HTML 63Page - STMicroelectronics ST62T45B Datasheet HTML 64Page - STMicroelectronics ST62T45B Datasheet HTML 65Page - STMicroelectronics ST62T45B Datasheet HTML 66Page - STMicroelectronics ST62T45B Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
63/72
ST62T45B/E45B
7 GENERAL INFORMATION
7.1 PACKAGE MECHANICAL DATA
Figure 32. 52-Pin Plastic Quad Flat Package
Figure 33. 52-Pin Ceramic Quad Flat Package with Window
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.40
0.134
A1
0.25
0.010
A2
2.55 2.80
3.05 0.100 0.110 0.120
B
0.35
0.50 0.014
0.020
C
0.13
0.23 0.005
0.009
D
16.95 17.20 17.45 0.667 0.677 0.687
D1
13.90 14.00 14.10 0.547 0.551 0.555
D3
12.00
0.472
E
16.95 17.20 17.45 0.667 0.677 0.687
E1
13.90 14.00 14.10 0.547 0.551 0.555
E3
12.00
0.472
e
1.00
0.039
K
0
°
7
°
0
°
7
°
L
0.65 0.80
0.95 0.026 0.031 0.037
L1
1.60
0.063
M
Number of Pins
N
52
PQFP52
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.27
0.129
A1
0.50
0.020
B
0.35 0.40
0.50 0.014 0.016 0.020
C
0.13 0.15
0.23 0.005 0.006 0.009
D
16.65 17.20 17.75 0.656 0.677 0.699
D1
13.57 13.97 14.37
0.566
D2
13.06 13.46 13.86 0.514 0.530 0.546
D3
12.00
0.472
e
1.00
0.039
G
12.70
0.500
G2
0.96
0.038
L
0.35 0.80
0.014 0.031
Ø
8.31
0.327
Number of Pins
N
52
CQFP052W
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com