Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T45B Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST62T45B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T45B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST62T45B Datasheet HTML 2Page - STMicroelectronics ST62T45B Datasheet HTML 3Page - STMicroelectronics ST62T45B Datasheet HTML 4Page - STMicroelectronics ST62T45B Datasheet HTML 5Page - STMicroelectronics ST62T45B Datasheet HTML 6Page - STMicroelectronics ST62T45B Datasheet HTML 7Page - STMicroelectronics ST62T45B Datasheet HTML 8Page - STMicroelectronics ST62T45B Datasheet HTML 9Page - STMicroelectronics ST62T45B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6/72
ST62T45B/E45B
INTRODUCTION (Cont’d)
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option byte of the
OTP/EPROM versions.OTP devices offer all the
advantages of user programmability at low cost,
which make them the ideal choice in a wide range
of applications where frequent code changes,
multiple code versions or last minute programma-
bility are required.
These compact low-cost devices feature two Tim-
ers comprising an 8-bit counter and a 7-bit pro-
grammable prescaler, EEPROM data capability, a
serial synchronous port interface (SPI), an 8-bit
A/D Converter with 8 analog inputs, a Digital
Watchdog timer, and a complete LCD controller
driver, making them well suited for a wide range of
automotive, appliance and industrial applications.
Figure 2. 52 Pin QFP Package
Table 1. ST6245B Pin Description
*Note: 20mA Sink
27
14
13
40
52
12 3
39
26
VR01649C
Pin
number
Pin
name
Pin
number
Pin
name
Pin
number
Pin
name
Pin
number
Pin
name
1
COM4
14
RESET
27
OSC32out
40
S28
2
COM3
15
OSCout
28
OSC32in
41
S29
3
COM2
16
OSCin
29
S17
42
S30
4
COM1
17
NMI
30
S18
43
S31
5
VLCD1/ 3
18
TIMER
31
S19
44
S32
6
VLCD2/ 3
19
PB7/ Sout *
32
S20
45
PC0/S33
7
VLCD
20
PB6/ Sin*
33
S21
46
PC1/S34
8
PA7/ Ain
21
PB5/ SCL *
34
S22
47
PC2/S35
9
PA6/ Ain
22
PB4 *
35
S23
48
PC3/S36
10
PA5/ Ain
23
PB3/ Ain
36
S24
49
PC4/S37
11
TEST
24
PB2/ Ain
37
S25
50
PC5/S38
12
VDD
25
PB1/Ain
38
S26
51
PC6/S39
13
VSS
26
PB0/Ain
39
S27
52
PC7/S40
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com