Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T45B Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST62T45B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T45B Datasheet(HTML) 5 Page - STMicroelectronics

  ST62T45B Datasheet HTML 1Page - STMicroelectronics ST62T45B Datasheet HTML 2Page - STMicroelectronics ST62T45B Datasheet HTML 3Page - STMicroelectronics ST62T45B Datasheet HTML 4Page - STMicroelectronics ST62T45B Datasheet HTML 5Page - STMicroelectronics ST62T45B Datasheet HTML 6Page - STMicroelectronics ST62T45B Datasheet HTML 7Page - STMicroelectronics ST62T45B Datasheet HTML 8Page - STMicroelectronics ST62T45B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
5/72
ST62T45B/E45B
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62T45B and ST62E45B devices are low
cost members of the ST62xx 8-bit HCMOS family
of microcontrollers, which are targeted at low to
medium complexity applications. All ST62xx de-
vices are based on a building block approach: a
common core is surrounded by a number of on-
chip peripherals.
The ST62E45B is the erasable EPROM version of
the ST62T45B device, which may be used to em-
ulate the ST62T45B device, as well as the respec-
tive ST6245B ROM devices.
Figure 1. Block Diagram
TES T
NMI
INTERRUPT
PROGRAM
PC
STAC K LEVEL 1
STAC K LEVEL 2
STAC K LEVEL 3
STAC K LEVEL 4
STAC K LEVEL 5
STAC K LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
PORT A
PORT B
TIMER 1
DIGITA L
8 BIT CORE
TEST/VPP
8-BIT
A/D CONVERTER
PA5..PA7/Ain
VDD VSS OSCin OSCout
RESET
WATC HDOG
Memory
PORT C
SPI (SERIAL
PERI PHERAL
INTERFACE)
12 8 Bytes
3884 bytes
DATA EEPROM
128 Bytes
PB0..PB3/Ain
PC0..PC7/S33..S40
S17..S32
COM1..COM4
(VPP on EPROM/OTP versions only)
PB4/20mA Sink
PB5/Scl/20mA Sink
PB6/Sin/20mA Sink
PB7/Sout/20mA Sink
VLCD
VLCD1/3
VLCD2/3
OSC 32kHz
TIMER 2
OSC32in
OSC32out
LCD DRIVER
VR01994
TIMER
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com