Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T45B Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST62T45B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T45B Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST62T45B Datasheet HTML 35Page - STMicroelectronics ST62T45B Datasheet HTML 36Page - STMicroelectronics ST62T45B Datasheet HTML 37Page - STMicroelectronics ST62T45B Datasheet HTML 38Page - STMicroelectronics ST62T45B Datasheet HTML 39Page - STMicroelectronics ST62T45B Datasheet HTML 40Page - STMicroelectronics ST62T45B Datasheet HTML 41Page - STMicroelectronics ST62T45B Datasheet HTML 42Page - STMicroelectronics ST62T45B Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
39/72
ST62T45B/E45B
4.2 TIMER 1 & 2
The MCU features two on-chip Timer peripheral
named TIMER 1 & TIMER 2. Each of these timers
consist of an 8-bit counter with a 7-bit programma-
ble prescaler, giving a maximum count of 2
15.
Figure 22 and Figure 23 show the Timer Block Di-
agrams. An external TIMER pin is available to the
user on the TIMER 1 allowing external control of
the counting clock or signal generation.
The content of the 8-bit counter can be read/writ-
ten in the Timer/Counter register, TCR, while the
state of the 7-bit prescaler can be read in the PSC
register. The control logic device is managed in
the TSCR register as described in the following
paragraphs.
The 8-bit counter is decremented by the output
(rising edge) coming from the 7-bit prescaler and
can be loaded and read under program control.
When it decrements to zero then the TMZ (Timer
Zero) bit in the TSCR is set to “1”. If the ETI (Ena-
ble Timer Interrupt) bit in the TSCR is also set to
“1”, an interrupt request is generated as described
in the Interrupt Chapter. The Timer interrupt can
be used to exit the MCU from WAIT mode.
The prescaler input can be either the internal fre-
quency fINT divided by 12 (TIMER 1 & 2) or an ex-
ternal clock applied to the TIMER pin (TIMER 1).
The prescaler decrements on the rising edge. De-
pending on the division factor programmed by
PS2, PS1 and PS0 bits in the TSCR. The clock in-
put of the timer/counter register is multiplexed to
different sources. For division factor 1, the clock
input of the prescaler is also that of timer/counter;
for factor 2, bit 0 of the prescaler register is con-
nected to the clock input of TCR. This bit changes
its state at half the frequency of the prescaler input
clock. For factor 4, bit 1 of the PSC is connected to
the clock input of TCR, and so forth. The prescaler
initialize bit, PSI, in the TSCR register must be set
to “1” to allow the prescaler (and hence the coun-
ter) to start. If it is cleared to “0”, all the prescaler
bits are set to “1” and the counter is inhibited from
counting. The prescaler can be loaded with any
value between 0 and 7Fh, if bit PSI is set to “1”.
The prescaler tap is selected by means of the
PS2/PS1/PS0 bits in the control register.
Figure 21 illustrates the Timer’s working principle.
Figure 21. Timer Working Principle
BIT0
BIT1
BIT2
BIT3
BIT6
BIT5
BIT4
CLOCK
7-BIT PRESCALER
8-1 MULTIPLEXER
8-BIT COUNTER
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
1
0
2
34
5
67
PS0
PS1
PS2
VA00186
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com