Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T46B Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST62T46B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T46B Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST62T46B Datasheet HTML 25Page - STMicroelectronics ST62T46B Datasheet HTML 26Page - STMicroelectronics ST62T46B Datasheet HTML 27Page - STMicroelectronics ST62T46B Datasheet HTML 28Page - STMicroelectronics ST62T46B Datasheet HTML 29Page - STMicroelectronics ST62T46B Datasheet HTML 30Page - STMicroelectronics ST62T46B Datasheet HTML 31Page - STMicroelectronics ST62T46B Datasheet HTML 32Page - STMicroelectronics ST62T46B Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
29/72
ST62T46B/E46B
INTERRUPTS (Cont’d)
3.4.3 Interrupt Option Register (IOR)
The Interrupt Option Register (IOR) is used to en-
able/disable the individual interrupt sources and to
select the operating mode of the external interrupt
inputs. This register is write-only and cannot be
accessed by single-bit operations.
Address: 0C8h
— Write Only
Reset status: 00h
Bit 7, Bits 3-0 =
Unused.
Bit 6 = LES:
Level/Edge Selection bit.
When this bit is set to one, the interrupt source #1
is level sensitive. When cleared to zero the edge
sensitive mode for interrupt request is selected.
Bit 5 = ESB:
Edge Selection bit.
The bit ESB selects the polarity of the interrupt
source #2.
Bit 4 = GEN:
Global Enable Interrupt. When this bit
is set to one, all interrupts are enabled. When this
bit is cleared to zero all the interrupts (excluding
NMI) are disabled.
When the GEN bit is low, the NMI interrupt is ac-
tive but cannot cause a wake up from STOP/WAIT
modes.
This register is cleared on reset.
3.4.4 Interrupt Sources
Interrupt
sources
available
on
the
ST62E46B/T40B are summarized in the Table 9
with associated mask bit to enable/disable the in-
terrupt request.
Table 9. Interrupt Requests and Mask Bits
70
-
LES
ESB
GEN
-
-
-
-
Peripheral
Register
Address
Register
Mask bit
Masked Interrupt Source
Interrupt
source
GENERAL
IOR
C8h
GEN
All Interrupts, excluding NMI
All
TIMER 1
TIMER 2
TSCR1
TSCR2
D4h
D7h
ETI
TMZ: TIMER Overflow
source 3
A/D CONVERTER
ADCR
D1h
EAI
EOC: End of Conversion
source 4
SPI
SPI
C2h
ALL
End of Transmission
source 1
Port PAn
ORPA-DRPA
C0h-C4h
ORPAn-DRPAn
PAn pin
source 2
Port PBn
ORPB-DRPB
C1h-C5h
ORPBn-DRPBn
PBn pin
source 2
Port PCn
ORPC-DRPC
C6h-CFh
ORPCn-DRPCn
PCn pin
source 2
PSS
PSSCR
DAh
PEI
PIF:
source 0
32kHz OSC
32OCR
DBh
EOSCI
OSCEOC
source 3
365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com