Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T46B Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST62T46B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T46B Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST62T46B Datasheet HTML 35Page - STMicroelectronics ST62T46B Datasheet HTML 36Page - STMicroelectronics ST62T46B Datasheet HTML 37Page - STMicroelectronics ST62T46B Datasheet HTML 38Page - STMicroelectronics ST62T46B Datasheet HTML 39Page - STMicroelectronics ST62T46B Datasheet HTML 40Page - STMicroelectronics ST62T46B Datasheet HTML 41Page - STMicroelectronics ST62T46B Datasheet HTML 42Page - STMicroelectronics ST62T46B Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
39/72
ST62T46B/E46B
4.2 TIMER 1 & 2
The MCU features two on-chip Timer peripheral
named TIMER 1 & TIMER 2. Each of these timers
consist of an 8-bit counter with a 7-bit programma-
ble prescaler, giving a maximum count of 2
15.
The content of the 8-bit counter can be read/writ-
ten in the Timer/Counter register, TCR, while the
state of the 7-bit prescaler can be read in the PSC
register. The control logic device is managed in
the TSCR register as described in the following
paragraphs.
The 8-bit counter is decremented by the output
(rising edge) coming from the 7-bit prescaler and
can be loaded and read under program control.
When it decrements to zero then the TMZ (Timer
Zero) bit in the TSCR is set to “1”. If the ETI (Ena-
ble Timer Interrupt) bit in the TSCR is also set to
“1”, an interrupt request is generated as described
in the Interrupt Chapter. The Timer interrupt can
be used to exit the MCU from WAIT mode.
The prescaler input is the internal frequency fINT
divided by 12 (TIMER 1 & 2). The prescaler decre-
ments on the rising edge. Depending on the divi-
sion factor programmed by PS2, PS1 and PS0 bits
in the TSCR. The clock input of the timer/counter
register is multiplexed to different sources. For di-
vision factor 1, the clock input of the prescaler is
also that of timer/counter; for factor 2, bit 0 of the
prescaler register is connected to the clock input of
TCR. This bit changes its state at half the frequen-
cy of the prescaler input clock. For factor 4, bit 1 of
the PSC is connected to the clock input of TCR,
and so forth. The prescaler initialize bit, PSI, in the
TSCR register must be set to “1” to allow the pres-
caler (and hence the counter) to start. If it is
cleared to “0”, all the prescaler bits are set to “1”
and the counter is inhibited from counting. The
prescaler can be loaded with any value between 0
and 7Fh, if bit PSI is set to “1”. The prescaler tap is
selected by means of the PS2/PS1/PS0 bits in the
control register.
Figure 21 illustrates the Timer’s working principle.
Figure 21. Timer Working Principle
BIT0
BIT1
BIT2
BIT3
BIT6
BIT5
BIT4
CLOCK
7-BIT PRESCALER
8-1 MULTIPLEXER
8-BIT COUNTER
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
1
02
3
4
5
6
7
PS0
PS1
PS2
VA00186
375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com