Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T46B Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST62T46B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T46B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST62T46B Datasheet HTML 2Page - STMicroelectronics ST62T46B Datasheet HTML 3Page - STMicroelectronics ST62T46B Datasheet HTML 4Page - STMicroelectronics ST62T46B Datasheet HTML 5Page - STMicroelectronics ST62T46B Datasheet HTML 6Page - STMicroelectronics ST62T46B Datasheet HTML 7Page - STMicroelectronics ST62T46B Datasheet HTML 8Page - STMicroelectronics ST62T46B Datasheet HTML 9Page - STMicroelectronics ST62T46B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6/72
ST62T46B/E46B
INTRODUCTION (Cont’d)
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option byte of the
OTP/EPROM versions.OTP devices offer all the
advantages of user programmability at low cost,
which make them the ideal choice in a wide range
of applications where frequent code changes, mul-
tiple code versions or last minute programmability
are required.
These compact low-cost devices feature two Tim-
ers comprising an 8-bit counter and a 7-bit pro-
grammable prescaler, EEPROM data capability, a
serial synchronous port interface (SPI), an 8-bit
A/D Converter with 8 analog inputs, a Digital
Watchdog timer, and a complete LCD controller
driver, making them well suited for a wide range of
automotive, appliance and industrial applications.
Figure 2. 56 Pin SDIP Package
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
VLCD
Ain/PA7
Ain/PA6
Ain/PA5
Ain/PA4
OSCout
OSCin
TEST/VPP
(1)
VDD
VSS
S13
S12
S11
S10
S9
PB1/Ain
PB2/Ain
PB3/Ain
PB4*
PB5/Scl*
42
41
40
39
38
37
36
35
RESET
NMI
PB7/Sout*
PB6/Sin*
PSS
OSC32in
OSC32out
PB0/Ain
(1) V
PP
on EPROM/OTP only
1
2
3
4
5
6
7
8
9
10
11
12
13
14
43
44
45
46
47
48
PC3/S36
PC4/S37
PC5/S38
PC6/S39
PC7/S40
COM3
COM2
S41
S42
S43
PC2/S35
PC1/S34
PC0/S33
S32
S31
S26
S25
S16
S15
S14
56
55
54
53
52
51
50
49
COM4
COM1
VLCD1/3
VLCD2/3
S30
S29
S28
S27
*20mA sink
342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com