Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T46B Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST62T46B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T46B Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST62T46B Datasheet HTML 33Page - STMicroelectronics ST62T46B Datasheet HTML 34Page - STMicroelectronics ST62T46B Datasheet HTML 35Page - STMicroelectronics ST62T46B Datasheet HTML 36Page - STMicroelectronics ST62T46B Datasheet HTML 37Page - STMicroelectronics ST62T46B Datasheet HTML 38Page - STMicroelectronics ST62T46B Datasheet HTML 39Page - STMicroelectronics ST62T46B Datasheet HTML 40Page - STMicroelectronics ST62T46B Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
37/72
ST62T46B/E46B
I/O PORTS (Cont’d)
4.1.3 LCD alternate functions (combiports)
PC0 to PC7 can also be individually defined as 8
LCD segment output by setting DDRC, ORC and
DRC registers as shown inTable 12.
On the contrary with other I/O lines, the reset state
is the LCD output mode. These 8 segment lines are
recognised as S33..S40 by the embedded LCD
controller drive.
4.1.4 SPI alternate functions
PB6/Sin and PB5/Scl pins must be configured as
input through the DDR and OR registers to be
used data in and data clock (Slave mode) for the
SPI. All input modes are available and I/O’s can be
read independantly of the SPI at any time.
PB7/Sout must be configured in open drain output
mode to be used as data out for the SPI. In output
mode, the value present on the pin is the port data
register content only if PB7 is defined as push pull
output, while serial transmission is possible only in
open drain mode.
Table 12. PC0-PC7 Combiport Option Selection
Note: X = Don’t care
Figure 20. Peripheral Interface Configuration of SPI
DDR
OR
DR
Mode
Option
0
0
0
Input
With pull-up, no interrupt
0
0
1
Input
No pull-up, no interrupt
0
1
0
Input
With pull-up and with interrupt
0
1
1
Input
LCD segment (Reset state)
1
0
X
Output
Open-drain output
1
1
X
Output
Push-pull output
PB7/Sout
PB6/Sin
PB5/Scl
PID
OPR
DR
1
MUX
0
OUT
IN
SYNCHRONOUS
SERIAL I/O
CLOCK
PID
DR
PID
DR
PP/OD
VR01661F
373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com