Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6385 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 61Page - STMicroelectronics ST6385 Datasheet HTML 62Page - STMicroelectronics ST6385 Datasheet HTML 63Page - STMicroelectronics ST6385 Datasheet HTML 64Page - STMicroelectronics ST6385 Datasheet HTML 65Page - STMicroelectronics ST6385 Datasheet HTML 66Page - STMicroelectronics ST6385 Datasheet HTML 67Page - STMicroelectronics ST6385 Datasheet HTML 68Page - STMicroelectronics ST6385 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
65/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
Note 1. Not 100% Tested
IIL
IIH
Input Leakage Current
AFC Pin
VIH= VDD
VIL= VSS
VIH = 12.0V
-1
1
40
µA
IOH
Output Leakage Current
DA0-DA5, PA4-PA5,
PC0-PC7, O0, O1
VOH = VDD
10
µA
IOH
Output Leakage Current High Volt-
age
DA0-DA5, PA4-PA7,
PC4-PC7, O0, O1
VOH = 12V
40
µA
IDD
Supply Current RUN Mode
fOSC = 8MHz, ILoad= 0mA
VDD= 6.0V
616
mA
IDD
Supply Current WAIT Mode
fOSC= 8MHz, ILoad= 0mA
VDD= 6V
310
mA
IDD
Supply Current at transition to
RESET
fOSC= Not App,
ILoad= 0mA
VDD= 6V
0.1
1
mA
VON
Reset Trigger Level ON
RESET Pin
0.3xVDD
V
VOFF
Reset Trigger Level OFF
RESET Pin
0.8xVDD
V
VTA
Input Level Absolute Tolerance
A/D AFC Pin
VDD= 5V
± 200
mV
VTR
Input Level Relatice Tolerance(1)
A/D AFC Pin
Relative to other levels
VDD= 5V
± 100
mV
Table 27: DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com