Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6385 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 67Page - STMicroelectronics ST6385 Datasheet HTML 68Page - STMicroelectronics ST6385 Datasheet HTML 69Page - STMicroelectronics ST6385 Datasheet HTML 70Page - STMicroelectronics ST6385 Datasheet HTML 71Page - STMicroelectronics ST6385 Datasheet HTML 72Page - STMicroelectronics ST6385 Datasheet HTML 73Page - STMicroelectronics ST6385 Datasheet HTML 74Page - STMicroelectronics ST6385 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
December 1997
71/84
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
R
Rev. 2.2
ST63E85,T85
ST63E87,T87
8-BIT EPROM/OTP MCUs WITH
ON-SCREEN-DISPLAY FOR TV TUNING
s
4.5 to 6V supply operating range
s
8MHz Maximum Clock Frequency
s
User Program ROM: up to 20140 bytes
s
Reserved Test ROM: up to 340 bytes
s
Data ROM: user selectable size
s
Data RAM: 256 bytes
s
Data EEPROM: 384 bytes
s
42-Pin Shrink Dual in Line Plastic Package for
OTP versions
s
42-Pin Shrink Dual in Line Ceramic Package for
EPROM versions
s
Up to 22 software programmable general
purpose Inputs/Outputs, including 2 direct LED
driving Outputs
s
Two Timers each including an 8-bit counter with
a 7-bit programmable prescaler
s
Digital Watchdog Function
s
Serial Peripheral Interface (SPI) supporting S-
BUS/ I 2 C BUS and standard serial protocols
s
SPI for external frequency synthesis tuning
s
14 bit counter for voltage synthesis tuning
s
Up to Six 6-Bit PWM D/A Converters
s
AFC A/D converter with 0.5V resolution
s
Five interrupt vectors (IRIN/NMI, Timer 1 & 2,
VSYNC, PWR INT.)
s
On-chip clock oscillator
s
5 Lines by 15 Characters On-Screen Display
Generator with 128 Characters
s
All ROM types are supported by pin-to-pin
EPROM and OTP versions.
s
The development tool of the ST6365, ST6375,
ST6385, ST6367, ST6377, ST6387 microcon-
trollers consists of the ST638X-EMU2 emula-
tion and development system to be connected
via a standard RS232 serial line to an MS-DOS
Personal Computer.
DEVICE SUMMARY
EPROM
DEVICE
OTP
DEVICE
ROM
(Bytes)
D/A Converter
ST63E85
ST63T85
20K
4
ST63E87
ST63T87
20K
6
PSDIP42
(Refer to end of Document for Ordering Information)
CSDIP42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com