Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6385 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 63Page - STMicroelectronics ST6385 Datasheet HTML 64Page - STMicroelectronics ST6385 Datasheet HTML 65Page - STMicroelectronics ST6385 Datasheet HTML 66Page - STMicroelectronics ST6385 Datasheet HTML 67Page - STMicroelectronics ST6385 Datasheet HTML 68Page - STMicroelectronics ST6385 Datasheet HTML 69Page - STMicroelectronics ST6385 Datasheet HTML 70Page - STMicroelectronics ST6385 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
67/84
ST6365, ST6375, ST6385 ST6367, ST6377, ST6387
7 GENERAL INFORMATION
7.1 PACKAGE MECHANICAL DATA
Figure 33. 42-Pin Plastic Shrink Dual-In-Line Package
7.2 ORDERING INFORMATION
The following chapter deals with the procedure for
transfer the Program/Data ROM codes to SGS-
THOMSON.
Communication of the ROM Codes. To commu-
nicate the contents of Program/Data ROM memo-
ries to SGS-THOMSON, the customer must send:
– one file in INTEL INTELLEC 8/MDS FORMAT for
the PROGRAM Memory;
– one file in INTEL INTELLEC 8/MDS FORMAT for
the EEPROM initial content (this file is optional).
– two files in INTEL...FORMAT for the OSD font
memory
– the option list described below.
The program ROM should respect the ROM Mem-
ory Map as in Table 4.
The ROM code must be generated with an ST6
assembler. Before programming the EPROM, the
EPROM programmer buffer must be filled with
FFh.
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.08
0.200
A1
0.51
0.020
A2
3.05
3.81
4.57 0.120 0.150 0.180
b
0.46
0.56
0.018 0.022
b2
1.02
1.14
0.040 0.045
C
0.23
0.25
0.38 0.009 0.010 0.015
D
36.58 36.83 37.08 1.440 1.450 1.460
E
15.24
16.00 0.600
0.630
E1
12.70 13.72 14.48 0.500 0.540 0.570
e
1.78
0.070
eA
15.24
0.600
eB
18.54
0.730
eC
1.52 0.000
0.060
L
2.54
3.30
3.56 0.100 0.130 0.140
Number of Pins
N42
E1
eC
eA
eB
.015
GAGE PLANE
LEAD DETAIL
E
eB
C
E
D
b
b2
A2
A1
e
A
L
VR01725G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com