Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6385 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST6385
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6385 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST6385 Datasheet HTML 76Page - STMicroelectronics ST6385 Datasheet HTML 77Page - STMicroelectronics ST6385 Datasheet HTML 78Page - STMicroelectronics ST6385 Datasheet HTML 79Page - STMicroelectronics ST6385 Datasheet HTML 80Page - STMicroelectronics ST6385 Datasheet HTML 81Page - STMicroelectronics ST6385 Datasheet HTML 82Page - STMicroelectronics ST6385 Datasheet HTML 83Page - STMicroelectronics ST6385 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
82/84
ST63E85, T85 ST63E87, T87
3.4 PACKAGE MECHANICAL DATA
Figure 6. 42-Pin Plastic Shrink Dual-In-Line Package
Figure 7. 42-Pin Ceramic Shrink Dual-In-Line Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.08
0.200
A1
0.51
0.020
A2
3.05
3.81
4.57 0.120 0.150 0.180
b
0.46
0.56
0.018 0.022
b2
1.02
1.14
0.040 0.045
C
0.23
0.25
0.38 0.009 0.010 0.015
D
36.58 36.83 37.08 1.440 1.450 1.460
E
15.24
16.00 0.600
0.630
E1
12.70 13.72 14.48 0.500 0.540 0.570
e
1.78
0.070
eA
15.24
0.600
eB
18.54
0.730
eC
1.52 0.000
0.060
L
2.54
3.30
3.56 0.100 0.130 0.140
Number of Pins
N42
E1
eC
eA
eB
.015
GAGE PLANE
LEAD DETAIL
E
eB
C
E
D
b
b2
A2
A1
e
A
L
VR01725G
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
4.01
0.158
A1
0.76
0.030
B
0.38
0.46
0.56 0.015 0.018 0.022
B1
0.76
0.89
1.02 0.030 0.035 0.040
C
0.23
0.25
0.38 0.009 0.010 0.015
D
36.68 37.34 38.00 1.444 1.470 1.496
D1
35.56
1.400
E1
14.48 14.99 15.49 0.570 0.590 0.610
e
1.78
0.070
G
12.70 12.95 13.21 0.500 0.510 0.520
G1
12.70 12.95 13.21 0.500 0.510 0.520
G2
1.14
0.045
L
2.92
5.08 0.115
0.200
S
0.89
0.035
Ø
0.350
Number of Pins
N42
CDIP42SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com