Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST6399
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST6399 Datasheet HTML 14Page - STMicroelectronics ST6399 Datasheet HTML 15Page - STMicroelectronics ST6399 Datasheet HTML 16Page - STMicroelectronics ST6399 Datasheet HTML 17Page - STMicroelectronics ST6399 Datasheet HTML 18Page - STMicroelectronics ST6399 Datasheet HTML 19Page - STMicroelectronics ST6399 Datasheet HTML 20Page - STMicroelectronics ST6399 Datasheet HTML 21Page - STMicroelectronics ST6399 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
MEMORY SPACES (Continued)
Data ROM Addressing. All the read-only data are
physically implemented in the ROM in which the Pro-
gram Space is also implemented. The ROM therefore
containsthe program to be executedandalso the con-
stants and the look-up tables neededfor the program.
The locationsof Data Space in which the differentcon-
stants and look-up tables are addressed by the
ST639x Core can be considered as being a 64-byte
window through which it is possible to access to the
read-only data stored in the ROM. This window is lo-
cated from the 40h address to the 7Fh address in the
Data space and allows the direct reading of the bytes
from the 000h address to the 03Fh address in the
ROM. All the bytes of the ROM can be used to store
either instructions or read-only data. Indeed,the win-
dow can be moved by step of 64 bytes along the ROM
in writing the appropriate code in the Write-only Data
ROM Window register (DRWR, location C9h). The ef-
fective address of the byte to be read as a data in the
ROM is obtained by the concatenation of the 6 less
significant bits of the address in the Data Space (as
less significant bits) and the content of the DRWR (as
most significant bits). So when addressing location
40h of data space, and 0 is loaded in the DRWR, the
physical addressed location in ROM is 00h.
Note. The data ROM window cannot address win-
dows above the 16k byte range.
DWR
Data ROM Window Register
(C9h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
DWR0 = Data ROM Window 0
DWR1 = Data ROM Window 1
DWR2 = Data ROM Window 2
DWR3 = Data ROM Window 3
DWR4 = Data ROM Window 4
DWR5 = Data ROM Window 5
DWR6 = Data ROM Window 6
DWR7 = Data ROM Window 7
Figure 16. Data ROM Window Register
DATA ROM
WINDOW REGISTER
CONTENTS
DATA SPACE ADDRESS
40h-7Fh
IN INSTRUCTION
PROGRAM SPACE ADDRESS
65432
0
543
210
543
210
READ
1
6
7
8
9
10
11
01
VR01573B
12
1
0
DATA SPACE ADDRESS
59h
0
0
0
0
0
1
00
1
1
1
Example:
(DWR)
DWR=28h
11
00
00
00
00
1
ROM
ADDRESS:A19h
11
13
0
1
7
0
0
Figure 17. Data ROM Window Memory Addressing
DWR7-DWR0. These are the Data Rom Window
bits that correspond to the upper bits of data ROM
program space. This register is undefined after re-
set.
Note. Care is required when handling the DRWR as
it is write only. For this reason, it is not allowed to
change the DRWR contents while executing inter-
rupts drivers, as the driver cannot save and than re-
store its previous content. If it is impossible to avoid
the writing of this register in interrupts drivers, an im-
age of this register must be saved in a RAM location,
and each time the program writes the DRWR it
writes also the image register. The image register
must be written first, so if an interrupt occurs be-
tween the two instructions the DRWR register is not
affected.
®
ST6391,92,93,95,97,99
14/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com