Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST6399
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST6399 Datasheet HTML 31Page - STMicroelectronics ST6399 Datasheet HTML 32Page - STMicroelectronics ST6399 Datasheet HTML 33Page - STMicroelectronics ST6399 Datasheet HTML 34Page - STMicroelectronics ST6399 Datasheet HTML 35Page - STMicroelectronics ST6399 Datasheet HTML 36Page - STMicroelectronics ST6399 Datasheet HTML 37Page - STMicroelectronics ST6399 Datasheet HTML 38Page - STMicroelectronics ST6399 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
Figure 37. Hardware Activated Watchdog Block Diagram
Figure 38. Hardware Activated Watchdog
Working Principle
HARDWARE ACTIVATED DIGITAL WATCH-
DOG FUNCTION
The hardware activated digital watchdogfunction con-
sists of a down counter that is automatically initialized
after reset so that this function does not need to be ac-
tivated by the user program. As the watchdog function
is always activated this down counter can not be used
as a timer. The watchdogis using onedata space reg-
ister (HWDR location D8h). The watchdog register is
set to FEh on reset and immediately starts to count
down, requiring no software start. Similarly the hard-
ware activated watchdog can not be stopped or de-
layed by software.
The watchdog time can be programmed using the 6
MSbits in the watchdog register, this gives the possi-
bility to generate a reset in a time between 3072 to
196608oscillator cycles in 64 possible steps. (With a
clock frequency of 8MHz this means from 384
µsto
24.576ms). The reset is prevented if the register is
reloaded with the desired value before bits 2-7 de-
crement from all zeros to all ones.
The presence of the hardware watchdog deactivates
the STOP instruction and a WAIT instruction is auto-
matically executed instead of a STOP. Bit 1 of the
watchdog register (set to one at reset) can be used to
generatea software reset if cleared to zero). Figure 37
shows the watchdog block diagram while Figure 38
shows its working principle.
®
ST6391,92,93,95,97,99
31/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com