Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST6399
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399 Datasheet(HTML) 5 Page - STMicroelectronics

  ST6399 Datasheet HTML 1Page - STMicroelectronics ST6399 Datasheet HTML 2Page - STMicroelectronics ST6399 Datasheet HTML 3Page - STMicroelectronics ST6399 Datasheet HTML 4Page - STMicroelectronics ST6399 Datasheet HTML 5Page - STMicroelectronics ST6399 Datasheet HTML 6Page - STMicroelectronics ST6399 Datasheet HTML 7Page - STMicroelectronics ST6399 Datasheet HTML 8Page - STMicroelectronics ST6399 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
®
8-BIT HCMOS MCUs
FOR TV FREQUENCY SYNTHESIS WITH OSD
ST6391, ST6392, ST6393
ST6395, ST6397, ST6399
4.5 to 6V supply operating range
8MHz Maximum Clock Frequency
User Program ROM: Up to
20140 bytes
Reserved Test ROM:Up to
340 bytes
Data ROM:
User selectable size
Data RAM:
256 bytes
Data EEPROM:
Up to
384 bytes
42-Pin Shrink Dual in Line Plastic Package
Up to 23 software programmable general pur-
pose Inputs/Outputs, including 2 direct LED
driving Outputs
Two Timers each including an 8-bit counter with
a 7-bit programmable prescaler
Digital Watchdog Function
Serial Peripheral Interface (SPI) supporting
S-BUS/ I
2C BUS and standard serial protocols
SPI for external frequency synthesis tuning
Up to Six 6-Bit PWM D/A Converters
AFC A/D converter with 0.5V resolution
Five interrupt vectors (IRIN/NMI, Timer 1 & 2,
VSYNC, PWR INT.)
On-chip clock oscillator
5 Lines by 15 Characters On-Screen Display
Generator with 128 Characters
All ROM types are supported by pin-to-pin
EPROM and OTP versions.
The development tool of the ST639x microcon-
trollers consists of the ST638x-EMU emulation
and development system to be connected via a
standard RS232 serial line to an MS-DOS Per-
sonal Computer.
This is Preliminary information from SGS-THOMSON. Details are subject to change without notice.
October 1993
(Ordering Information at the end of the datasheet)
1
PSDIP42
PRELIMINARY DATA
DEVICE
ROM
(Bytes)
EEPROM
(Bytes)
ST6391
16K
128
ST6392
20K
128
ST6393
16K
128
ST6395
20K
384
ST6397
20K
384
ST6399
16K
128
DEVICE SUMMARY
1/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com