Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6399 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST6399
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6399 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST6399 Datasheet HTML 50Page - STMicroelectronics ST6399 Datasheet HTML 51Page - STMicroelectronics ST6399 Datasheet HTML 52Page - STMicroelectronics ST6399 Datasheet HTML 53Page - STMicroelectronics ST6399 Datasheet HTML 54Page - STMicroelectronics ST6399 Datasheet HTML 55Page - STMicroelectronics ST6399 Datasheet HTML 56Page - STMicroelectronics ST6399 Datasheet HTML 57Page - STMicroelectronics ST6399 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
Column
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A0
01
01
010
101
01
0
101
A1
00
11
001
100
11
0
011
A2
00
00
111
100
00
1
111
A3
00
00
000
011
11
1
111
Page
A5
A4
LINE
5
0
0
1
FT
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
5
0
1
2
FT
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
5
1
0
3
FT
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
5
1
1
4
FT
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
6
0
0
5
FT
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
Ch
AVAILABLE SCREEN SPACE
Table 15. OSD RAM Map
ON-SCREEN DISPLAY (Continued)
Notes: FT. The format character required for each line. Characters
in columns 1 thru 15 are displayed.
Ch. (Byte) Character (Index into OSD character generator) or
space character
Emulator Remarks
There are a few differences between emulator and
silicon. For noise reasons, the OSD oscillator pins
are not available: the internal oscillator cannot be
disabled and replaced by an external coil. In the
emulator, the Character Bank Select register can
be written also with Global Enable bit set, while this
is not allowed in the device.
Application Notes
1 - The OSD character generator is composed of a
dual port video ram and some circuitry. It needs
two input signals VSYNC and HSYNC to syncron-
ize its dedicated oscillator to the TV picture. It gen-
erates 4 output signals, that can be used from the
TV set to generate the characters on the screen.
For instance, they can be used to feed the SCART
plug, providing an adequate buffer to drive the low
impedance (75
Ω) of the SCART inputs.
2 - The Core sees the OSD as a number of RAM
locations (80) plus a certain number of control reg-
isters (6). These 86 locations are mapped in two
pages of the dynamic data ram address range
(0h..3Fh).
In page 5 (load 20H in the register 0E8h), there are
64 bytes of RAM, the ones of the first 4 rows (16
bytes each row, 15 characters per row maximum,
plus an hidden leading formatcharacter). In page 6
(load 40H in register 0E8h), the 16 bytes of the fifth
row
(0..0Fh),
and
the
6
control
registers
(10H..14H,17H).
3 - The video RAM is a dual port ram. That means
that it can be addressed either from the Core or
from the OSD circuitry itself. To reduce the com-
plexity of the circuitry, and thus its cost, some re-
strictions have been introduced in the use of the
OSD.
a. The Core can Only write to any of the 86 loca-
tions (either video RAM or control registers).
b. The Core can Only write to any of the leading
85 locations when the OSD oscillator is OFF.
Only the last location (control register 17H in
page 6) can be addressed at any time. This is
the Global Enable Register, which contains
only the GE bit. If it is set, the OSD is on, if it is
reset the OSD is off.
4 - The timing of the on/off switching of the OSD
oscillator is the following:
a. GE bit is set. The OSD oscillator will start on
the next VSYNC signal.
b. GE bit is reset. The OSD oscillator will be im-
mediately switched off.
®
ST6391,92,93,95,97,99
50/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com