Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70135 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST70135
Description  ASCOTTM DMT TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70135 Datasheet(HTML) 2 Page - STMicroelectronics

  ST70135 Datasheet HTML 1Page - STMicroelectronics ST70135 Datasheet HTML 2Page - STMicroelectronics ST70135 Datasheet HTML 3Page - STMicroelectronics ST70135 Datasheet HTML 4Page - STMicroelectronics ST70135 Datasheet HTML 5Page - STMicroelectronics ST70135 Datasheet HTML 6Page - STMicroelectronics ST70135 Datasheet HTML 7Page - STMicroelectronics ST70135 Datasheet HTML 8Page - STMicroelectronics ST70135 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ST70135A
2/29
Figure 1 : Block Diagram
TRANSIENT ENERGY CAPABILITIES
ESD
ESD (Electronic Discharged) tests have been
performed for the Human Body Model (HBM) and
for the Charged Device Model (CDM). The pins of
the device are to be able to withstand minimum
2000V for the HBM and minimum 250V for CDM.
Latch-up
The maximum sink or source current from any pin
is limited to 200mA to prevent latch-up.
ABSOLUTE MAXIMUM RATINGS
TEST MODULE
DATA SYMBOL TIMING UNIT
VCXO
DSP
FRONT-END
FFT/IFFT
ROTOR
TRELLIS
CODING
GENERIC
TC
INTERFACE
MODULE
AFE CONTROL
CONTROLLER
ATM
TEST SIGNALS
CLOCK
AFE
INTERFACE
AFE
CONTROL
CONTROLLER
BUS
GENERAL
PURPOSE I/Os
STM
UTOPIA
MAPPER/
DEMAPPER
REED/
SOLOMON
INTERFACE
SPECIFIC TC
INTERFACE
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
Ptot
Total Power Dissipation
900
1400
mW
Tamb
Ambient Temperature 1m/s airflow
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com