Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70135 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST70135
Description  ASCOTTM DMT TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70135 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST70135 Datasheet HTML 16Page - STMicroelectronics ST70135 Datasheet HTML 17Page - STMicroelectronics ST70135 Datasheet HTML 18Page - STMicroelectronics ST70135 Datasheet HTML 19Page - STMicroelectronics ST70135 Datasheet HTML 20Page - STMicroelectronics ST70135 Datasheet HTML 21Page - STMicroelectronics ST70135 Datasheet HTML 22Page - STMicroelectronics ST70135 Datasheet HTML 23Page - STMicroelectronics ST70135 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ST70135A
20/29
Beware that an incorrect address configuration may lead to bus conflicts. A feature is defined to disable
(tri-state) all outputs of the Utopia interface. It is enabled by the TRI_STATE_EN bit in the Rx_interface
control register.
Pin Description Utopia 2 (Receive Interface)
*Active low signal
Pin Description Utopia 2 (Transmit interface)
*Active low signal
Name
Type
Meaning
Usage
Remark
RxClav
O
Receive Cell available
Signals to the ATM chip that
the STLC60135 has a cell
ready for transfer
Remains active for the entire
cell transfer
RxEnb*
I
Receive Enable
Signals to the physical layer
that the ATM chip will sample
and accept data during next
clock cycle
RxData and RxSOC could be
tri-state when RxEnb* is
inactive (high)
RxClk
I
Receive Byte Clock
Gives the timing signal for the
transfer, generated by ATM
layer chip.
RxData
O
Receive Data (8 bits)
ATM cell data, from physical
layer chip to ATM chip, byte
wide.
RxSOC
O
Receive Start Cell
Identifies the cell boundary on
RxData
Indicate to the ATM layer chip
that RxData contains the first
valid byte of a cell.
RxAddr
I
Receive Address (5 bits)
Use to select the port that will
be active or polled
RxRef *
O
Reference Clock
8kHz clock transported over
the network
Name
Type
Meaning
Usage
Remark
TxClav
O
Transmit Cell available
Signals to the ATM chip that the
physical layer chip is ready to
accept a cell
Remains active for the entire
cell transfer
TxEnb*
I
Transmit Enable
Signals to the physical layer
that TxData and TxSOC are
valid
TxClk
I
Transmit Byte Clock
Gives the timing signal for the
transfer, generated by ATM
layer chip.
TxData
I
Transmit Data (8 bits)
ATM cell data, to physical layer
chip to ATM chip, byte wide.
TxSOC
I
Transmit Start of Cell
Identifies the cell boundary on
TxData
TxAddr
I
Transmit Address (5 bits)
Use to select the port that will
be active or polled
TxRef *
I
Reference Clock
8kHz clock from the ATM layer
chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com