Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70135 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST70135
Description  ASCOTTM DMT TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70135 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST70135 Datasheet HTML 21Page - STMicroelectronics ST70135 Datasheet HTML 22Page - STMicroelectronics ST70135 Datasheet HTML 23Page - STMicroelectronics ST70135 Datasheet HTML 24Page - STMicroelectronics ST70135 Datasheet HTML 25Page - STMicroelectronics ST70135 Datasheet HTML 26Page - STMicroelectronics ST70135 Datasheet HTML 27Page - STMicroelectronics ST70135 Datasheet HTML 28Page - STMicroelectronics ST70135 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
ST70135A
27/29
ELECTRICAL SPECIFICATIONS
Generic DC Electrical Characteristics
The values presented in the following table apply for all inputs and/or outputs unless otherwise specified.
Specifically they are not influenced by the choice between CMOS or TTL levels. All voltages are
referenced to VSS, unless otherwise specified, positive current is towards the device.
IO Buffers Generic DC Characteristics
Input / Output CMOS Generic Characteristics
The values presented in the following table apply for all CMOS inputs and/or outputs unless otherwise specified.
CMOS IO Buffers Generic Characteristics
*Note The reference current is dependent on the exact buffer chosen and is a part of the buffer name. The available values are 2, 4 and 8mA.
Input/ Output TTL Generic Characteristics
The values presented in the following table apply for all TTL inputs and/or outputs unless otherwise
specified.
*Note The reference current is dependent on the exact buffer chosen and is a part of the buffer name. The available values are 2, 4 and 8mA.
Symbol
Parameter
Test Condition
Minimu m
Typical
Maximum
Unit
IIN
Input Leakage Current
VIN =VSS,VDD no
pull up /pull down
-1
1
µA
IOZ
Tristate Leakage Current
VIN =VSS,VDD no
pull up /pull down
-1
1
µA
IPU
Pull up Current
VIN =VSS
-25
-66
-125
mA
IPD
Pull Down Current
VIN =VDD
25
66
125
mA
RPU
Pull up Resistance
VIN =VSS
50
K
Ω
RPD
Pull Down Resistance
VIN =VDD
50
K
Ω
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
VIL
Low Level Input Voltage
0.2 x VDD
V
VIH
High Level Input Voltage
0.8 x VDD
V
VHY
Schmitt trigger hysteresis
Slow edge < 1V/
µs,
only for SCHMITx
0.8
V
VOL
Low Level Output Voltage
IOUT = XmA*
0.4
V
VOH
High Level Output Voltage
IOUT = XmA*
0.85 x VDD
V
Symbol
Parameter
Test Conditio n
Minimum
Typical
Maximum
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VILHY
Low Level Threshold, falling
Slow edge < 1V/
µs
0.9
1.35
V
VIHHY
High Level Threshold, rising
Slow edge < 1V/
µs
1.3
1.9
V
VHY
Schmitt Trigger Hysteresis
Slow edge < 1V/
µs
0.4
0.7
V
VOL
Low Level Output Voltage
IOUT = XmA*
0.4
V
VOH
High Level Output Voltage
IOUT = XmA*
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com