Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70135 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST70135
Description  ASCOTTM DMT TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70135 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST70135 Datasheet HTML 20Page - STMicroelectronics ST70135 Datasheet HTML 21Page - STMicroelectronics ST70135 Datasheet HTML 22Page - STMicroelectronics ST70135 Datasheet HTML 23Page - STMicroelectronics ST70135 Datasheet HTML 24Page - STMicroelectronics ST70135 Datasheet HTML 25Page - STMicroelectronics ST70135 Datasheet HTML 26Page - STMicroelectronics ST70135 Datasheet HTML 27Page - STMicroelectronics ST70135 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ST70135A
24/29
Figure 26 : Transmit Interface
Table 1 : Transmitted Bits Assigned to Signal /
Time Slot
Figure 27 : Receive Interface
MCLK
AFTXD
CLWD
Tv
Tc
AFTXED
MCLK
AFRXD
Ts
Th
Cycle 0
Cycle 1
Cycle 2
Cycle 3
AFTXD[0]
b0
b4
b8
b12
AFTXD[1]
b1
b5
b9
b13
AFTXD[2]
b2
b6
b10
b14
AFTXD[3]
b3
b7
b11
b15
GP_OUT
t0
t1
t2
t3
Table 2 : Transmitted Bits Assigned to Signal /
Time Slot
Cycle 0
Cycle 1
Cycle 2
Cycle 3
AFRXD[0]
b0
b4
b8
b12
AFRXD[1]
b1
b5
b9
b13
AFRXD[2]
b2
b6
b10
b14
AFRXD[3]
b3
b7
b11
b15
GP_IN
t0
t1
t2
t3
Table 3 : Master Clock (MCLK) AC Electrical Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
F
Clock Frequency
35.328
MHz
Tper
Clock Period
28.3
ns
Th
Clock Duty Cycle
40
60
%
Table 4 : AFTXD, AFTXED, CLWD AC Electrical Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Tv
Data Valid Time
0
10
ns
Tc
Data Valid Time
0
10
ns
Table 5 : AFRXD AC Electrical Characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Ts
Data setup Time
5
ns
Th
Data hold Time
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com