Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136B Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST70136B
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST70136B Datasheet HTML 8Page - STMicroelectronics ST70136B Datasheet HTML 9Page - STMicroelectronics ST70136B Datasheet HTML 10Page - STMicroelectronics ST70136B Datasheet HTML 11Page - STMicroelectronics ST70136B Datasheet HTML 12Page - STMicroelectronics ST70136B Datasheet HTML 13Page - STMicroelectronics ST70136B Datasheet HTML 14Page - STMicroelectronics ST70136B Datasheet HTML 15Page - STMicroelectronics ST70136B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ST70136
12/24
4.8 - Tone Detector
The tone detector is dedicated for remote activation. It operates during SUSPEND mode with PWD = 0
only. When the tone detector level received Vin over tone 40 or 72 is greater than 15
µV peak to peak, the
ACTD pin is set to wake up the modem.
ACTD pin is resetted when the AFE is back in full operating mode (SUSPEND = 0, PWD = 0). The maxi-
mum signal sensitivity at the Tone detector inputs is 50mV peak to peak.
4.9 - Mode Management
4.9.1 - General
The ST70136 can be used in a various range of ATU-R equipments, but a specific mode management
address USB application in its different modes.
In following table, "CPE" is an USB ADSL modem application done with a ST70136 AFE and a ST70137
DMT. The CPE is connected to an USB port of an equipment.
Table 8 : ST70136 / USB Operating Mode Configurations
SUSPEND
PWD
USB Mode Description
00
Active mode
The CPE application is in operative mode, its current consumption is less than 500 mA.
ST70136 is power-up, the Tone detector is OFF and CLKM output is enabled.
01
Enumerating mode
The CPE application is in the configuration process, plug in, its current consumption is
less than 100 mA.
ST70136 analog part is in power done mode, the digital part is enabled and CLKM
output is enabled.
10
Suspend mode after enumerating mode
After enumerating, the CPE application is in suspend mode, in this mode the CPE must
be able to wake up the equipment when a tone is received, its current consumption is
less than 2.5 mA.
ST70136 analog and digital parts are in power down mode, the Tone detector is
activated and CLKM output is disabled.
11
Stand by mode
The CPE is not configured and in stand by mode, it could be wake up only by the
equipment, its current consumption is less than 500
µA.
ST70136 is fully in stand by mode and CLKM is disabled.
Figure 5 : USB Power Management Operating Modes
Plug in
Enumerating mode
PWD = 1
SUSPEND = 0
Suspend mode
PWD = 0
SUSPEND = 1
Stand by mode
PWD = 1
SUSPEND = 1
Active mode
PWD = 0
SUSPEND = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com