Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136B Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST70136B
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST70136B Datasheet HTML 12Page - STMicroelectronics ST70136B Datasheet HTML 13Page - STMicroelectronics ST70136B Datasheet HTML 14Page - STMicroelectronics ST70136B Datasheet HTML 15Page - STMicroelectronics ST70136B Datasheet HTML 16Page - STMicroelectronics ST70136B Datasheet HTML 17Page - STMicroelectronics ST70136B Datasheet HTML 18Page - STMicroelectronics ST70136B Datasheet HTML 19Page - STMicroelectronics ST70136B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ST70136
16/24
5.4 - Transmit Path Specifications
TA = 0 to 70°C unless otherwise specified. The following specifications are guaranteed only when the
Digital Control Interface is not active.
Notes: a. This will represents the 0dBr for the other specifications in the present table. The level is mesured for the frequency of 30KHz
which will correspond to the reference frequency. Variations include process, temperature and power variations.
b. This gain is given relatively to the 0dBr previously defined. Variations include process, temperature and power variations.
c. Ratio between max peak amplitude of one of the 2 single tones to any spurious. Measure performed for a dual tone signal (each
tone with an amplitude equal to -6dBr), in range 30KHz to 1MHz (couple (f1,f2) are (70KHz, 80KHz), (120KHz, 130KHz)).
d. Ration between max peak amplitude of one of the 2 single tones to any spurious. Measure performed for a (250KHz, 260KHz) dual
tone signal (each tone with an amplitude equal to -6dBr), in range 30KHz to 1MHz.
Table 10 : Transmit Path Specifications
Typical specifications apply for VCC = 5.0V, temperature = 27°C, nominal process and bias current. Maximum and
minimum performance is with VCC ±5%, 0°C < Tambient < 70°C, and worst case process and bias current.
Description
Min.
Typ.
Max.
Unit
Comments
Input word rate
8.832
MHz
Input word resolution
16
bits
PGAP/PGAN OUTPUT
Common mode voltage
2.4
2.5
2.6
V
Measured on each output
Load resistance
500
Ω
Single ended
Load capacitance
10
pF
Single ended
Output Impedance
1
5
Ω
Single ended
Reference Output signal
a
-5%
2.4
+5%
Vp
Differential output @0dB gain for TxPGA
Output noise
45
See also mask diagram below ("Final
PGAP/N noise mask")
Cutoff frequency
4
MHz
@-3dB
Gain,0
≤ D ≤ 15
b
step size 1dB
-D-0.5
-D
-D+0.5
dB
Programmable attenuator.
Step size
0.8
1
1.2
dB
TXP/TXN OUTPUT
Common mode voltage
2.4
2.5
2.6
V
Measured on each output
Load resistance
500
Ω
Single ended
Load capacitance
10
pF
Single ended
Output Impedance
1
5
Ω
Single ended
Output SDR
2 tones ADSL/POTS
c
2 tones ADSL/ISDN
d
79
71
dB
For TxPGA gain = 0dB
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com