Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136B Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST70136B
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136B Datasheet(HTML) 3 Page - STMicroelectronics

  ST70136B Datasheet HTML 1Page - STMicroelectronics ST70136B Datasheet HTML 2Page - STMicroelectronics ST70136B Datasheet HTML 3Page - STMicroelectronics ST70136B Datasheet HTML 4Page - STMicroelectronics ST70136B Datasheet HTML 5Page - STMicroelectronics ST70136B Datasheet HTML 6Page - STMicroelectronics ST70136B Datasheet HTML 7Page - STMicroelectronics ST70136B Datasheet HTML 8Page - STMicroelectronics ST70136B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ST70136
3/24
1 - PIN LIST
The following list gives the different PIN Types:
AI
Analog Input
AIO
Analog Input/Output
AO
Analog Ouptut
DI
Digital Input
DIO
Digital Input/Output
DO
Digital Output
VDDA Analog Power Supply
VDDD Digital Power Supply
VSSA Analog Ground
VSSD Digital Ground
Table 1 : Pin Assignment
Pins
Name
Type
Description
TQFP
LFBGA
1
B2
CTRLIN
DI
Digital input for control interface
2
C3
CTRLOUT
DO
Digital output for control interface
3
C2
R/NW*
DI
Selection of read or write mode for control interface
4
B1
VDDIO
VDDD
I/O buffer supply voltage
5
A1
CLKWD
DO
8.832MHz output clock. Used to synchronize RX/TX word data
exchange, and master clock of register control interface
6
C1
CLKM
DO
35.328MHz Master Clock. Xtal buffer
7
D2
ACTD
O
Tone Detector Activation
8
D1
RX3
DO
Received data output
9
E2
RX2
DO
Received data output
10
E1
RX1
DO
Received data output
11
F2
RX0
DO
Received data output
12
G2
VSSIO
VDDD
I/O buffer ground voltage
13
F1
TX3
DI
Transmit data input
14
G1
TX2
DI
Transmit data input
15
H2
TX1
DI
Transmit data input
16
H1
TX0
DI
Transmit data input
17
E3
VSS
VSSD
Core digital ground
18
G3
TEST
DI
Test mode is activated with TEST=1. Must be tied to ground in normal
mode
19
E4
NRESET*
DI
Reset input. All digital circuitry is well defined after a negative pulse on
this input
20
H3
VDD
VSSD
Core digital supply (3.3V)
21
F3
PWD
DI
Power Down pin
22
G4
SUSPEND
DI
Suspend Mode pin
23
F4
VDDA2
VDDA
ADC supply voltage (5V)
24
H4
VSSA2
VSSA
ADC ground voltage
25
G5
VSAD
VSSA
Substrate voltage for RX-AD path (Must be connected to VSSAx)
26
E5
VSRX
VSSA
Substrate voltage for RXPGA path (Must be connected to VSSAx)
27
H5
VSSA1
VSSA
RXPGA ground voltage
28
H6
RXP
AI
Positive Analog Receive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com