Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70136B Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST70136B
Description  CPE ADSL ANALOG FRONT END
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70136B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST70136B Datasheet HTML 14Page - STMicroelectronics ST70136B Datasheet HTML 15Page - STMicroelectronics ST70136B Datasheet HTML 16Page - STMicroelectronics ST70136B Datasheet HTML 17Page - STMicroelectronics ST70136B Datasheet HTML 18Page - STMicroelectronics ST70136B Datasheet HTML 19Page - STMicroelectronics ST70136B Datasheet HTML 20Page - STMicroelectronics ST70136B Datasheet HTML 21Page - STMicroelectronics ST70136B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ST70136
18/24
TA = 0 to 70°C unless otherwise specified.
Table 12 : DAC 8B Specifications
Notes: a. Measured at VCOCAP output, filter disabled.
b. Filter disabled, current through IVCO = 10
µA, VCXOUT = 2V.
c. Filter enabled.
d. Filter disabled.
5.6 - Crystal
Note: Recommended Crystal: MELCOM 35.328MHz / UM1/ 30 / 30 / 0+70 / 15pF / FUND.
Typical specifications apply for VCC = 5.0V, temperature = 27°C, nominal process and bias current. Maximum and
minimum performance is with VCC ±5%, 0°C < Tambient < 70°C, and worst case process and bias current.
Description
Minimum
Typical
Maximum
Unit
Comments
Number of bit
8
Sampling rate
1
KHz
DNL
a
-0.5
0.5
LSB
INL
a
-2
2
LSB
max code (FFh)
a
2.42
2.52
2.62
V
mid code (80h)
a
3.57
3.63
3.69
V
min code (00h)
a
4.74
4.77
4.80
V
Offset IVCO vs VCOCAP b
-10
10
mV
Offset variation with current
-20
20
mV
Iout variation from 10
µA to 400µA,
@ code max, VCXOUT = 2.4V
VCOCAP Zout
c
320
500
680
k
Ω
VCOCAP Zout
d
350
500
650
Ω
VCOCAP load
10
µF
Table 13 : Crystal Parameters
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Start up time
TSU
7ms
Clock Frequency
CLKM
35.328
MHz
Frequency adjustment range
XADJ
-100
100
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com