Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 60Page - STMicroelectronics ST723219 Datasheet HTML 61Page - STMicroelectronics ST723219 Datasheet HTML 62Page - STMicroelectronics ST723219 Datasheet HTML 63Page - STMicroelectronics ST723219 Datasheet HTML 64Page - STMicroelectronics ST723219 Datasheet HTML 65Page - STMicroelectronics ST723219 Datasheet HTML 66Page - STMicroelectronics ST723219 Datasheet HTML 67Page - STMicroelectronics ST723219 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 185 page
background image
ST72321
64/185
PWM AUTO-RELOAD TIMER (Cont’d)
Input capture function
This mode allows the measurement of external
signal pulse widths through ARTICRx registers.
Each input capture can generate an interrupt inde-
pendently on a selected input signal transition.
This event is flagged by a set of the corresponding
CFx bits of the Input Capture Control/Status regis-
ter (ARTICCSR).
These
input
capture
interrupts
are
enabled
through the CIEx bits of the ARTICCSR register.
The active transition (falling or rising edge) is soft-
ware programmable through the CSx bits of the
ARTICCSR register.
The read only input capture registers (ARTICRx)
are used to latch the auto-reload counter value
when a transition is detected on the ARTICx pin
(CFx bit set in ARTICCSR register). After fetching
the interrupt vector, the CFx flags can be read to
identify the interrupt source.
Note: After a capture detection, data transfer in
the ARTICRx register is inhibited until it is read
(clearing the CFx bit).
The timer interrupt remains pending while the CFx
flag is set when the interrupt is enabled (CIEx bit
set). This means, the ARTICRx register has to be
read at each capture event to clear the CFx flag.
The timing resolution is given by auto-reload coun-
ter cycle time (1/fCOUNTER).
Note: During HALT mode, if both input capture
and external clock are enabled, the ARTICRx reg-
ister value is not guaranteed if the input capture
pin and the external clock change simultaneously.
External interrupt capability
This mode allows the Input capture capabilities to
be used as external interrupt sources. The inter-
rupts are generated on the edge of the ARTICx
signal.
The edge sensitivity of the external interrupts is
programmable (CSx bit of ARTICCSR register)
and they are independently enabled through CIEx
bits of the ARTICCSR register. After fetching the
interrupt vector, the CFx flags can be read to iden-
tify the interrupt source.
During HALT mode, the external interrupts can be
used to wake up the micro (if the CIEx bit is set).
Figure 41. Input Capture Timing Diagram
04h
COUNTER
t
01h
fCOUNTER
xxh
02h
03h
05h
06h
07h
04h
ARTICx PIN
CFx FLAG
ICRx REGISTER
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com