Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 62Page - STMicroelectronics ST723219 Datasheet HTML 63Page - STMicroelectronics ST723219 Datasheet HTML 64Page - STMicroelectronics ST723219 Datasheet HTML 65Page - STMicroelectronics ST723219 Datasheet HTML 66Page - STMicroelectronics ST723219 Datasheet HTML 67Page - STMicroelectronics ST723219 Datasheet HTML 68Page - STMicroelectronics ST723219 Datasheet HTML 69Page - STMicroelectronics ST723219 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 185 page
background image
ST72321
66/185
PWM AUTO-RELOAD TIMER (Cont’d)
PWM CONTROL REGISTER (PWMCR)
Read /Write
Reset Value: 0000 0000 (00h)
Bit 7:4 = OE[3:0]
PWM Output Enable
These bits are set and cleared by software. They
enable or disable the PWM output channels inde-
pendently acting on the corresponding I/O pin.
0: PWM output disabled.
1: PWM output enabled.
Bit 3:0 = OP[3:0]
PWM Output Polarity
These bits are set and cleared by software. They
independently select the polarity of the four PWM
output signals.
Note: When an OPx bit is modified, the PWMx out-
put signal polarity is immediately reversed.
DUTY CYCLE REGISTERS (PWMDCRx)
Read /Write
Reset Value: 0000 0000 (00h)
Bit 7:0 = DC[7:0]
Duty Cycle Data
These bits are set and cleared by software.
A PWMDCRx register is associated with the OCRx
register of each PWM channel to determine the
second edge location of the PWM signal (the first
edge location is common to all channels and given
by the ARTARR register). These PWMDCR regis-
ters allow the duty cycle to be set independently
for each PWM channel.
70
OE3
OE2
OE1
OE0
OP3
OP2
OP1
OP0
PWMx output level
OPx
Counter <= OCRx
Counter > OCRx
10
0
01
1
70
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com