Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 3Page - STMicroelectronics ST723219 Datasheet HTML 4Page - STMicroelectronics ST723219 Datasheet HTML 5Page - STMicroelectronics ST723219 Datasheet HTML 6Page - STMicroelectronics ST723219 Datasheet HTML 7Page - STMicroelectronics ST723219 Datasheet HTML 8Page - STMicroelectronics ST723219 Datasheet HTML 9Page - STMicroelectronics ST723219 Datasheet HTML 10Page - STMicroelectronics ST723219 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 185 page
background image
ST72321
7/185
1 INTRODUCTION
The ST72321R, ST72321AR and ST72321J de-
vices are members of the ST7 microcontroller fam-
ily designed for mid-range applications
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set and are available with FLASH or ROM pro-
gram memory.
Under software control, all devices can be placed
in WAIT, SLOW, ACTIVE-HALT or HALT mode,
reducing power consumption when the application
is in idle or stand-by state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication
and indirect addressing
modes.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC1
VPP
CONTROL
PROGRAM
(16K - 60K Bytes)
VDD
RESET
PORT F
PF7:0
(8-bits)
TIMER A
BEEP
PORT A
RAM
(512 - 2048 Bytes)
PORT C
10-BIT ADC
VAREF
VSSA
PORT B
PB7:0
(8-bits)
PWM ART
PORT E
PE7:0
(8-bits)
SCI
TIMER B
PA7:0
(8-bits)
PORT D
PD7:0
(8-bits)
SPI
PC7:0
(8-bits)
VSS
WATCHDOG
TLI
OSC
LVD
OSC2
MEMORY
MCC/RTC/BEEP
EVD
AVD
I2C
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com