Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 63Page - STMicroelectronics ST723219 Datasheet HTML 64Page - STMicroelectronics ST723219 Datasheet HTML 65Page - STMicroelectronics ST723219 Datasheet HTML 66Page - STMicroelectronics ST723219 Datasheet HTML 67Page - STMicroelectronics ST723219 Datasheet HTML 68Page - STMicroelectronics ST723219 Datasheet HTML 69Page - STMicroelectronics ST723219 Datasheet HTML 70Page - STMicroelectronics ST723219 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 185 page
background image
ST72321
67/185
PWM AUTO-RELOAD TIMER (Cont’d)
INPUT CAPTURE
CONTROL / STATUS REGISTER (ARTICCSR)
Read /Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = Reserved, always read as 0.
Bit 5:4 = CS[2:1]
Capture Sensitivity
These bits are set and cleared by software. They
determine the trigger event polarity on the corre-
sponding input capture channel.
0: Falling edge triggers capture on channel x.
1: Rising edge triggers capture on channel x.
Bit 3:2 = CIE[2:1]
Capture Interrupt Enable
These bits are set and cleared by software. They
enable or disable the Input capture channel inter-
rupts independently.
0: Input capture channel x interrupt disabled.
1: Input capture channel x interrupt enabled.
Bit 1:0 = CF[2:1]
Capture Flag
These bits are set by hardware and cleared by
software reading the corresponding ARTICRx reg-
ister. Each CFx bit indicates that an input capture x
has occurred.
0: No input capture on channel x.
1: An input capture has occured on channel x.
INPUT CAPTURE REGISTERS (ARTICRx)
Read only
Reset Value: 0000 0000 (00h)
Bit 7:0 = IC[7:0]
Input Capture Data
These read only bits are set and cleared by hard-
ware. An ARTICRx register contains the 8-bit
auto-reload counter value transferred by the input
capture channel x event.
70
0
0
CS2
CS1
CIE2
CIE1
CF2
CF1
70
IC7IC6
IC5IC4
IC3IC2
IC1IC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com