Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 154Page - STMicroelectronics ST723219 Datasheet HTML 155Page - STMicroelectronics ST723219 Datasheet HTML 156Page - STMicroelectronics ST723219 Datasheet HTML 157Page - STMicroelectronics ST723219 Datasheet HTML 158Page - STMicroelectronics ST723219 Datasheet HTML 159Page - STMicroelectronics ST723219 Datasheet HTML 160Page - STMicroelectronics ST723219 Datasheet HTML 161Page - STMicroelectronics ST723219 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 185 page
background image
ST72321
158/185
I/O PORT PIN CHARACTERISTICS (Cont’d)
12.8.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 88. Typical VOL at VDD=5V (standard)
Figure 89. Typical VOL at VDD=5V (high-sink)
Figure 90. Typical VOH at VDD=5V
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins do not have VOH.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 88)
IIO=+5mA
1.2
V
IIO=+2mA
0.5
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 89 and Figure 91)
IIO=+20mA,TA≤85°C
TA≥85°C
1.3
1.5
IIO=+8mA
0.6
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 90 and Figure 93)
IIO=-5mA, TA≤85°C
TA≥85°C
VDD-1.4
VDD-1.6
IIO=-2mA
VDD-0.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.005
0.0 1
0.01 5
Iio(A)
Ta =14 0°C "
Ta =95 °C
Ta =25 °C
Ta =-45 °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
00.01
0.02
0.03
Iio(A)
Ta= 140 °C
Ta= 95 °C
Ta= 25 °C
Ta= -45°C
2
2.5
3
3.5
4
4.5
5
5.5
-0.01
-0.008
-0.006
-0.004
-0.002
0
Iio (A)
V dd= 5V 1 40°C m in
V dd= 5v 95°C m in
V dd= 5v 25°C m in
V dd= 5v -4 5°C m in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com