Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 162Page - STMicroelectronics ST723219 Datasheet HTML 163Page - STMicroelectronics ST723219 Datasheet HTML 164Page - STMicroelectronics ST723219 Datasheet HTML 165Page - STMicroelectronics ST723219 Datasheet HTML 166Page - STMicroelectronics ST723219 Datasheet HTML 167Page - STMicroelectronics ST723219 Datasheet HTML 168Page - STMicroelectronics ST723219 Datasheet HTML 169Page - STMicroelectronics ST723219 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 185 page
background image
ST72321
166/185
ADC CHARACTERISTICS (Cont’d)
12.12.1 Analog Power Supply and Reference
Pins
Depending on the MCU pin count, the package
may feature separate VAREF and VSSA analog
power supply pins. These pins supply power to the
A/D converter cell and function as the high and low
reference voltages for the conversion. In some
packages, VAREF and VSSA pins are not available
(refer to Table 1). In this case the analog supply
and reference pads are internally bonded to the
VDD and VSS pins.
Separation of the digital and analog power pins al-
low board designers to improve A/D performance.
Conversion accuracy can be impacted by voltage
drops and noise in the event of heavily loaded or
badly decoupled power supply lines (see Section
12.12.2 General PCB Design Guidelines).
12.12.2 General PCB Design Guidelines
To obtain best results, some general design and
layout rules should be followed when designing
the application PCB to shield the noise-sensitive,
analog physical interface from noise-generating
CMOS logic signals.
– Use separate digital and analog planes. The an-
alog ground plane should be connected to the
digital ground plane via a single point on the
PCB.
– Filter power to the analog power planes. It is rec-
ommended to connect capacitors, with good high
frequency characteristics, between the power
and ground lines, placing 0.1µF and optionally, if
needed 10pF capacitors as close as possible to
the ST7 power supply pins and a 1 to 10µF ca-
pacitor close to the power source (see Figure
103).
– The analog and digital power supplies should be
connected in a star nework. Do not use a resis-
tor, as VAREF is used as a reference voltage by
the A/D converter and any resistance would
cause a voltage drop and a loss of accuracy.
– Properly place components and route the signal
traces on the PCB to shield the analog inputs.
Analog signals paths should run over the analog
ground plane and be as short as possible. Isolate
analog signals from digital signals that may
switch while the analog inputs are being sampled
by the A/D converter. Do not toggle digital out-
puts on the same I/O port as the A/D input being
converted.
Figure 103. Power Supply Filtering
VSS
VDD
0.1
µF
10pF
VDD
ST72XXX
VAREF
VSSA
POWER
SUPPLY
SOURCE
ST7
DIGITAL NOISE
FILTERING
EXTERNAL
NOISE
FILTERING
1 to 10
µF
0.1
µF
10pF
(if needed)
(if needed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com