Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1026 Datasheet(PDF) 2 Page - CTS Corporation

Part # VCS1026
Description  622.080MHz VCSO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCS1026 Datasheet(HTML) 2 Page - CTS Corporation

  VCS1026 Datasheet HTML 1Page - CTS Corporation VCS1026 Datasheet HTML 2Page - CTS Corporation VCS1026 Datasheet HTML 3Page - CTS Corporation VCS1026 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VCS1026
622.080MHz VCSO
Document No. VCS1026
06/28/2007
Page 2 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
ELECTRICAL SPECIFICATIONS (Continued)
Parameter
Conditions & Remarks
Min
Typical
Max
Unit
Output Parameters
Output Signal
LVPECL
VOL
-
-
VCC-1.620
Amplitude
VOH
VCC-1.025
-
-
Vdc
Rise/Fall Times
20% to 80%
-
250
400
ps
Duty Cycle
@ 50% of output signal
45
50
55
%
Start up time
to reach 90% of final amplitude
-
-
10
ms
100Hz
-
-85
-75
dBc/Hz
1kHz
-
-110
-100
dBc/Hz
10kHz
-
-140
-130
dBc/Hz
100kHz
-
-143
-140
dBc/Hz
Phase Noise
1MHz
-
-143
-140
dBc/Hz
12kHz to 20MHz
(calculated from Phase Noise)
-
0.16
0.3
ps RMS
Phase Jitter
50kHz to 80MHz
(calculated from Phase Noise)
-
0.16
0.3
ps RMS
LVPECL OUTPUT WAVEFORM
TEST CIRCUIT, LVPECL LOAD
OUTPUT ENABLE/DISABLE LOGIC
Pad 2
Pad 4
Pad 5
Low ”0”
outputs disabled
HI Z
HI Z
Open
outputs enabled
Output
Comp. Output
High ”1”
outputs enabled
Output
Comp. Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com