Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1026 Datasheet(PDF) 1 Page - CTS Corporation

Part # VCS1026
Description  622.080MHz VCSO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCS1026 Datasheet(HTML) 1 Page - CTS Corporation

  VCS1026 Datasheet HTML 1Page - CTS Corporation VCS1026 Datasheet HTML 2Page - CTS Corporation VCS1026 Datasheet HTML 3Page - CTS Corporation VCS1026 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VCS1026
622.080MHz VCSO
Document No. VCS1026
06/28/2007
Page 1 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
FEATURES
• Industry Standard 5x7mm SMT
Footprint
• +3.3 Vdc Supply Voltage
• -40°C to 85°C Temp. Range
• LVPECL differential outputs
• ± 50ppm Absolute Pull Range (APR)
• Output Enable/Disable Function
• SAW resonator
• Extremely Low Jitter
• Tape & Reel Packaging
• RoHS Compliant
DESCRIPTION
Surface mount 5x7mm VCSO operating at
3.3V supply with complementary LVPECL
outputs for use in datacom & telecom
applications.
ELECTRICAL SPECIFICATIONS
Parameter
Conditions & Remarks
Min
Typical
Max
Unit
Operating Conditions
Nominal Frequency
fNOM
-
622.080
-
MHz
Operating Temperature Range
-40
-
85
°C
Storage Temperature Range
-55
-
125
°C
Supply Voltage
VCC; ±5%
3.135
3.300
3.465
Vdc
Supply Current
Icc; Max. VCC; TA = 25°C
load = 50
Ω to V
CC – 2V
-
60
70
mA
Load
output to VCC – 2V
-
50
-
Ω
Frequency Stability
Frequency vs. Temperature
ref to TA = 25°C; VC = constant
+20
-
-150
ppm
Electronic Frequency Control
Input Impedance
Zi
50
100
-
k
Ω
Control Voltage Range
VC ; positive monotonic transfer
0.3
-
3.0
Vdc
Gain Transfer
-
180
-
ppm/V
Absolute Pull Range
APR; all causes (see note 1)
± 50
-
-
ppm
Modulation Bandwidth
-3dB ref. 100Hz
-
50
-
kHz
Linearity
Deviation from best linear fit
-
2
10
%
NOTE 1:
Minimum guaranteed frequency shift (
∆f/f
NOM) under all conditions (temperature, aging, supply voltage, load) for 15 years at an
average effective operating temperature of +55°C


Similar Part No. - VCS1026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCS10 ETC2-VCS10 Datasheet
310Kb / 8P
EM Clutch
logo
CTS Corporation
VCS1001A CTS-VCS1001A Datasheet
71Kb / 3P
PCB Substrate for excellent TCE match
VCS1003A CTS-VCS1003A Datasheet
69Kb / 3P
PCB Substrate for excellent TCE match
logo
XP Power Limited
VCS100US05 XPPOWER-VCS100US05 Datasheet
580Kb / 4P
Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
VCS100US05 XPPOWER-VCS100US05 Datasheet
792Kb / 4P
50-100 Watts VCS Series
More results

Similar Description - VCS1026

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCSO-100B KSS-VCSO-100B Datasheet
148Kb / 1P
VCSO
VCSO-200A KSS-VCSO-200A Datasheet
168Kb / 1P
VCSO
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
Dual Frequency VCSO
VS-505 VECTRON-VS-505 Datasheet
258Kb / 9P
Single Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
Dual Frequency VCSO
logo
Golledge Electronics Lt...
MP08140 GOLLEDGE-MP08140 Datasheet
201Kb / 5P
SAW Filter 622.080MHz
MA04386 GOLLEDGE-MA04386 Datasheet
115Kb / 4P
SAW Resonator 622.080MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com