Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1026 Datasheet(PDF) 4 Page - CTS Corporation

Part # VCS1026
Description  622.080MHz VCSO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCS1026 Datasheet(HTML) 4 Page - CTS Corporation

  VCS1026 Datasheet HTML 1Page - CTS Corporation VCS1026 Datasheet HTML 2Page - CTS Corporation VCS1026 Datasheet HTML 3Page - CTS Corporation VCS1026 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VCS1026
622.080MHz VCSO
Document No. VCS1026
06/28/2007
Page 4 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
SUGGESTED SOLDER PAD GEOMETRY
3.83
[.151]
1.68
[.066]
5.08
[.200]
2.54
[.100]
1.70
[.067]
2.34
[.092]
5.54
[.218]
Dimensions are in mm and [inches].
MAXIMUM SOLDERING PROFILE
Temperature
217°C
260°C (Absolute max temperature)
Time
60-150 sec
10 sec. max
Note: Part is not designed to be reflowed in an inverted position.
TAPE AND REEL INFORMATION
DIRECTION OF FEED
Ø23
Ø180
Ø60
17.5
120°
Ø13
2.0
8.00
4.00
7.80
7.60
5.60
5.40
16.00
1.75
7.50
Ø1.50
3.10
2.90
DIMENSIONS ARE IN MM
Device quantity is 1000 pieces max. per 180mm reel.
MSL Level: 1
This product is fully compliant to RoHS Directive 2002/95/EC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com