Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1026 Datasheet(PDF) 3 Page - CTS Corporation

Part # VCS1026
Description  622.080MHz VCSO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCS1026 Datasheet(HTML) 3 Page - CTS Corporation

  VCS1026 Datasheet HTML 1Page - CTS Corporation VCS1026 Datasheet HTML 2Page - CTS Corporation VCS1026 Datasheet HTML 3Page - CTS Corporation VCS1026 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VCS1026
622.080MHz VCSO
Document No. VCS1026
06/28/2007
Page 3 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
PIN 1
PIN 2
PIN 3
PIN 6
PIN 5
PIN 4
VCS1026
CTS
YYWW
5.18±0.10
[.204±.004]
7.52±0.10
[.296±.004]
5.08
[.200]
2.54
[.100]
2.68
[.105]
1.27
[.050]
1.90
[.075]
PIN 1
PIN 2
PIN 3
PIN 6PIN 5PIN 4
BARRIER COVERING
OVER RESIST MASK
OVER GROUND PLANE
MAX
TYP
PIN #1 MARK
1.68
[.066]
1.47
[.058]
1.47
[.058]
1.68
[.066]
0.56
[.022]
EXPOSED GROUND PLANE
AND COVER CASTELLATION
2 PLACES
TYP
1.27
[.050] TYP
Lead Termination Finish: Gold flash, <10 micro inch, over 100 micro inch minimum Ni plated Cu
Co-Planarity (from seating plane): 0.1 [0.004] maximum
Dimensions in mm and [inches]
1) Control Voltage - VC
2) Enable/Disable Control
3) Ground/Case
4) Output
5) Complementary Output
6) Supply Voltage - VCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com