Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291J7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST9291J7
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291J7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST9291J7 Datasheet HTML 3Page - STMicroelectronics ST9291J7 Datasheet HTML 4Page - STMicroelectronics ST9291J7 Datasheet HTML 5Page - STMicroelectronics ST9291J7 Datasheet HTML 6Page - STMicroelectronics ST9291J7 Datasheet HTML 7Page - STMicroelectronics ST9291J7 Datasheet HTML 8Page - STMicroelectronics ST9291J7 Datasheet HTML 9Page - STMicroelectronics ST9291J7 Datasheet HTML 10Page - STMicroelectronics ST9291J7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
64K
PROGRAM
MEMORY
REGISTER
FILE
64K
DATA
MEMORY
VA00430
Figure 1-4. Address Spaces
1 CORE DESCRIPTION
1.1 CORE ARCHITECTURE
1.1.1 INTRODUCTION
The Core or Central Processing Unit (CPU) of the
ST9 includes the 8 bit Arithmetic Logic Unit and the
16 bit Program Counter, System and User Stack
Pointers. The microcoded Instruction Set is highly
optimised for both byte (8 bit) and word (16 bit)
data, BCD and Boolean data types, with 14 ad-
dressing modes.
Three independent buses are controlled by the
Core, a 16 bit Memory bus, an 8 bit Register ad-
dressing bus and a 6 bit Interrupt/DMA bus con-
nected to the interrupt and DMA controllers in the
on-chip peripherals and the Core. This multiple bus
architecture allows a high degree of pipelining and
parallel operation, giving the ST9 its efficiency in
both numerical calculations and communication
with the on-chip peripherals.
1.1.2 ADDRESS SPACES
The ST9 has three separate address spaces:
- Register File: 240 8-bit registers plus up to 64
pages of 16 bytes each, located in the on-chip
peripherals.
- Data memory with up to 64K (65536) bytes
- Program memory with up to 64K (65536) bytes
The Data and Program memory spaces will be ad-
dressed in further detail in section 1.3.
1.1.2.1 Register File
The Register File consists of:
- 224 general purpose registers R0 to R223
- 16 system registers in the System Group
(R224 to R239).
- I/O pages depending on the configuration of
the ST9, each containing up to 16 registers,
with paging facilities based on the top group
(R240 to R255).
®
ST9291
7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com